| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE7752A bảng dữ liệu(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7752A bảng dữ liệu(HTML) 16 Page - Analog Devices |
|
16 / 24 page ![]() ADE7752/ADE7752A Rev. C | Page 16 of 24 Figure 21 shows the connections of the analog inputs of the ADE7752 with the power lines in a 3-phase 3-wire delta service. Note that only two current inputs and two voltage inputs of the ADE7752 are used in this case. The real power calculated by the ADE7752 does not depend on the selected channels. Figure 22 shows the connections of the analog inputs of the ADE7752 with the power lines in a 3-phase 4-wire Wye service. SOURCE ICP ICN LOAD CT IBP IBN ANTIALIASING FILTERS PHASE A PHASE B PHASE C Rb* Ra* VR* Cf VAP CT Rb* ANTIALIASING FILTERS IAP IAN CT Rb* ANTIALIASING FILTERS Rb* Ra* VR* Cf VCP Rf CF VN Rb* Ra* VR* Cf VBP Rb* * Ra >> Rf + VR; * Rb + VR = Rf CT Rb* ANTIALIASING FILTERS IAP IAN SOURCE Rb* Ra* Rb* VR* Rf Cf Cf VN Ra* VR* Cf LOAD PHASE A PHASE B PHASE C CT Rb* VAP VBP ANTIALIASING FILTERS IBN IBP * Ra >> Rf + VR * Rb + VR = Rf Figure 22. 3-Phase 4-Wire Meter Connection with ADE7752 Figure 21. 3-Phase 3-Wire Meter Connection with ADE7752 |