công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5520EB bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện EVAL-AD5520EB
Giải thích chi tiết về linh kiện  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5520EB bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button EVAL-AD5520EB Datasheet HTML 3Page - Analog Devices EVAL-AD5520EB Datasheet HTML 4Page - Analog Devices EVAL-AD5520EB Datasheet HTML 5Page - Analog Devices EVAL-AD5520EB Datasheet HTML 6Page - Analog Devices EVAL-AD5520EB Datasheet HTML 7Page - Analog Devices EVAL-AD5520EB Datasheet HTML 8Page - Analog Devices EVAL-AD5520EB Datasheet HTML 9Page - Analog Devices EVAL-AD5520EB Datasheet HTML 10Page - Analog Devices EVAL-AD5520EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5520
Rev. B | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVCC to AVEE
34 V
AVCC to AGND
−0.3 V, +17 V
AVEE to AGND
+0.3 V, −17 V
DVDD
−0.3 V to +6 V
Digital Inputs to DGND
−0.3 V to DVDD + 0.3 V
Analog Inputs to AGND
AVCC + 0.3 V to AVEE – 0.3 V
CLH to CLL
−0.3 V to +34 V
CPH to CPL
−0.3 V to +34 V
REFGND, DGND
AVCC + 0.3 V to AVEE – 0.3 V
Operating Temperature Range
Commercial (J Version)
0
°C to 70°C
Storage Temperature Range
−65
°C to +150°C
Maximum Junction Temperature,
(TJ max)
150
°C
Package Power Dissipation
(TJ max – TA)/θJA
Thermal Impedance θJA
47.8
°C /W
Lead Temperature
(Soldering 10 sec)
300
°C
IR Reflow, Peak Temperature
220
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com