| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26LS31CDG4 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26LS31CDG4 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 22 page ![]() www.ti.com TYPICAL CHARACTERISTICS VI − Enable G Input Voltage − V OUTPUT VOLTAGE vs ENABLE G INPUT VOLTAGE VCC = 5.25 V VCC = 5 V VCC = 4.75 V Load = 470 Ω to GND TA = 25°C See Note A 4 3 2 1 0 0 1 2 3 VI − Enable G Input Voltage − V OUTPUT VOLTAGE vs ENABLE G INPUT VOLTAGE VCC = 5 V Load = 470 Ω to GND See Note A TA = 70°C TA = 0°C TA = 25°C 4 3 2 1 0 0 1 2 3 VI − Enable G Input Voltage − V OUTPUT VOLTAGE vs ENABLE G INPUT VOLTAGE VCC = 5.25 V VCC = 5 V VCC = 4.75 V 4 3 2 1 0 0 1 2 3 5 6 Load = 470 Ω to VCC TA = 25°C See Note B VI − Enable G Input Voltage − V OUTPUT VOLTAGE vs ENABLE G INPUT VOLTAGE TA = 25°C TA = 0°C TA = 70°C 4 3 2 1 0 0 1 2 3 5 6 VCC = 5 V Load = 470 Ω to VCC See Note B AM26LS31C, AM26LS31M QUADRUPLE DIFFERENTIAL LINE DRIVER SLLS114I – JANUARY 1979 – REVISED FEBRUARY 2006 Figure 2. Figure 3. Figure 4. Figure 5. A. The A input is connected to VCC during testing of the Y outputs and to ground during testing of the Z outputs. B. The A input is connected to ground during testing of the Y outputs and to VCC during testing of the Z outputs. 6 Submit Documentation Feedback |