| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA322 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA322 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 21 page ![]() INA322 9 SBOS174B APPLICATIONS INFORMATION The INA322 is a modified version of the classic “two op amp” instrumentation amplifier, with an additional gain amplifier. Figure 1 shows the basic connections for the operation of the INA322 and INA2322. The power supply should be capaci- tively decoupled with 0.1 µF capacitors as close to the INA322 as possible for noisy or high-impedance applica- tions. The output is referred to the reference terminal, which must be at least 1.2V below the positive supply rail. OPERATING VOLTAGE The INA322 family is fully specified over a supply range of +2.7V to +5.5V, with key parameters specified over the temperature range of -55 °C to +125°C. Parameters that vary significantly with operating conditions, such as load condi- tions or temperature, are shown in the Typical Characteristic Curves. The INA322 may be operated on a single supply. Figure 2 shows a bridge amplifier circuit operated from a single +5V supply. The bridge provides a small differential voltage riding on an input common-mode voltage. FIGURE 1. Basic Connections. FIGURE 2. Bridge Amplifier of the INA322. 160k Ω 40k Ω 40k Ω 160k Ω 3 2 5 1 7 8 4 Also drawn in simplified form: 6 REF 0.1 µF 0.1 µF RG V IN– V IN+ V– V+ A1 A3 A2 V O = ((VIN+) – (VIN –)) • G Short V OUT to RG for G = 5 5 10 50 100 SHORT 100k Ω 90k Ω 190k Ω OPEN 100k Ω 10k Ω 10k Ω R 2 R 1 Shutdown (For Single Supply) DESIRED GAIN (V/V) R 1 R 2 G = 5 + 5(R 2 / R1 ) INA322 5 3 2 V OUT 8 7 6 4 1 V+ Shutdown RG V IN– V– V IN+ REF Bridge Sensor +5V NOTE: (1) REF should be adjusted for the desired output level, keeping in mind that the value of REF affects the common-mode input range. See Typical Characteristic Curves. INA322 5 3 2 V OUT 8 7 6 4 1 V+ Shutdown RG V IN– V– V IN+ REF(1) |