| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB321E bảng dữ liệu(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT45DB321E bảng dữ liệu(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 72 page ![]() 16 AT45DB321E 8784E–DFLASH–10/2013 Table 6-4. Operations Allowed and Not Allowed During Suspend Command Operation During Program Suspend in Buffer 1 (PS1) Operation During Program Suspend in Buffer 2 (PS2) Operation During Erase Suspend (ES) Read Commands Read Array (All Opcodes) Allowed Allowed Allowed Read Buffer 1 (All Opcodes) Allowed Allowed Allowed Read Buffer 2 (All Opcodes) Allowed Allowed Allowed Program and Erase Commands Buffer 1 Write Not Allowed Allowed Allowed Buffer 2 Write Allowed Not Allowed Allowed Buffer 1 to Memory Program w/ Erase Not Allowed Not Allowed Not Allowed Buffer 2 to Memory Program w/ Erase Not Allowed Not Allowed Not Allowed Buffer 1 to Memory Program w/o Erase Not Allowed Not Allowed Allowed Buffer 2 to Memory Program w/o Erase Not Allowed Not Allowed Allowed Memory Program through Buffer 1 w/ Erase Not Allowed Not Allowed Not Allowed Memory Program through Buffer 2 w/ Erase Not Allowed Not Allowed Not Allowed Memory Program through Buffer 1 w/o Erase Not Allowed Not Allowed Allowed Auto Page Rewrite Not Allowed Not Allowed Not Allowed Page Erase Not Allowed Not Allowed Not Allowed Block Erase Not Allowed Not Allowed Not Allowed Sector Erase Not Allowed Not Allowed Not Allowed Chip Erase Not Allowed Not Allowed Not Allowed Protection and Security Commands Enable Sector Protection Not Allowed Not Allowed Not Allowed Disable Sector Protection Not Allowed Not Allowed Not Allowed Erase Sector Protection Register Not Allowed Not Allowed Not Allowed Program Sector Protection Register Not Allowed Not Allowed Not Allowed Read Sector Protection Register Allowed Allowed Allowed Sector Lockdown Not Allowed Not Allowed Not Allowed Read Sector Lockdown Allowed Allowed Allowed Freeze Sector Lockdown State Not Allowed Not Allowed Not Allowed Program Security Register Not Allowed Not Allowed Not Allowed Read Security Register Allowed Allowed Allowed Additional Commands Main Memory to Buffer 1 Transfer Not Allowed Allowed Allowed Main Memory to Buffer 2 Transfer Allowed Not Allowed Allowed Main Memory to Buffer 1 Compare Allowed Allowed Allowed Main Memory to Buffer 2 Compare Allowed Allowed Allowed Enter Deep Power-Down Not Allowed Not Allowed Not Allowed Resume from Deep Power-Down Not Allowed Not Allowed Not Allowed Enter Ultra-Deep Power-Down mode Not Allowed Not Allowed Not Allowed Read Configuration Register Allowed Allowed Allowed Read Status Register Allowed Allowed Allowed Read Manufacturer and Device ID Allowed Allowed Allowed Reset (via Hardware or Software) Allowed Allowed Allowed |