| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RFFC5072SQ bảng dữ liệu(PDF) 13 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RFFC5072SQ bảng dữ liệu(HTML) 13 Page - RF Micro Devices |
|
13 / 20 page ![]() 13 of 20 RFFC5071/5072 Proposed Prelim DS101020 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. Typical Performance Characteristics: Supply Current VDD=+3V and TA=+27°C unless stated.Typical Performance Characteristics: RFMixer 2, RFFC5071 and RFFC5072 90.0 100.0 110.0 120.0 130.0 140.0 150.0 160.0 1234567 Mixer Bias Current Setting (MIX_IDD) Total Supply Current versus Mixer Bias Setting One Mixer Enabled, LO Frequency = 3500MHz -40 Deg C, +2.7V -40 Deg C, +3.0V -40 Deg C, +3.3V +27 Deg C, +2.7V +27 Deg C, +3.0V +27 Deg C, +3.3V +85 Deg C, +2.7V +85 Deg C, +3.0V +85 Deg C, +3.3V 80.0 90.0 100.0 110.0 120.0 130.0 140.0 1234567 Mixer Bias Current Setting (MIX_IDD) Total Supply Current versus Mixer Bias Setting One Mixer Enabled, LO Frequency = 1000MHz -40 Deg C, +2.7V -40 Deg C, +3.0V -40 Deg C, +3.3V +27 Deg C, +2.7V +27 Deg C, +3.0V +27 Deg C, +3.3V +85 Deg C, +2.7V +85 Deg C, +3.0V +85 Deg C, +3.3V RFFC5071 Typical Operating Current in mA in Full Duplex Mode (both mixers enabled) with +3V supply. MIX2_IDD MIX1_IDD 1234567 1 121 126 131 136 142 146 151 2 126 131 136 141 147 151 156 3 131 136 141 147 152 156 161 4 136 141 147 152 157 162 167 5 141 146 152 157 162 167 172 6 146 151 156 161 167 171 176 7 151 156 161 166 171 176 181 60.0 70.0 80.0 90.0 100.0 110.0 120.0 130.0 140.0 150.0 160.0 100 600 1100 1600 2100 2600 3100 3600 4100 LO Frequency (MHz) Total Supply Current versus LO Frequency One Mixer Enabled, +3.0V Supply Voltage MIX_IDD = 1 MIX_IDD = 2 MIX_IDD = 3 MIX_IDD = 4 MIX_IDD = 5 MIX_IDD = 6 MIX_IDD = 7 |