| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRJ552B11H102KA01D bảng dữ liệu(PDF) 180 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D bảng dữ liệu(HTML) 180 Page - Murata Manufacturing Co., Ltd. |
|
180 / 221 page ![]() 179 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Chip Monolithic Ceramic Capacitors (Medium Voltage) For Information Devices GR4 Series s Features 1. These items are designed specifically for telecommunications devices (IEEE802.3) in Ethernet LAN and primary-secondary coupling for DC-DC converters. 2. A new monolithic structure for small, high capacitance capable of operating at high voltage levels 3. Sn-plated external electrodes realize good solderability. 4. Only for reflow soldering s Applications 1. Ideal for use on telecommunications devices in Ethernet LAN 2. Ideal for use as primary-secondary coupling for DC-DC converters Do not use these products in any Automotive Power train or Safety equipment including Battery charger for Electric Vehicles and Plug-in Hybrid. Only Murata products clearly stipulated as "for Automotive use" can be used for automobile applications such as Power train and Safety equipment. Part Number LW T Dimensions (mm) e min. GR442Q GR443D 2.0 ±0.2 4.5 ±0.3 1.5 +0, -0.3 0.3 3.2 ±0.3 4.5 ±0.4 2.0 +0, -0.3 GR443Q GR455D 1.5 +0, -0.3 2.0 +0, -0.3 g min. 2.5 3.2 5.0 ±0.4 5.7 ±0.4 L W e e g Part Number Rated Voltage (V) TC Code (Standard) Capacitance (pF) Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) GR442QR73D101KW01L DC2000 X7R (EIA) 100 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D121KW01L DC2000 X7R (EIA) 120 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D151KW01L DC2000 X7R (EIA) 150 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D181KW01L DC2000 X7R (EIA) 180 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D221KW01L DC2000 X7R (EIA) 220 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D271KW01L DC2000 X7R (EIA) 270 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D331KW01L DC2000 X7R (EIA) 330 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D391KW01L DC2000 X7R (EIA) 390 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D471KW01L DC2000 X7R (EIA) 470 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D561KW01L DC2000 X7R (EIA) 560 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D681KW01L DC2000 X7R (EIA) 680 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D821KW01L DC2000 X7R (EIA) 820 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D102KW01L DC2000 X7R (EIA) 1000 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D122KW01L DC2000 X7R (EIA) 1200 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR442QR73D152KW01L DC2000 X7R (EIA) 1500 ±10% 4.5 2.0 1.5 2.5 0.3 min. GR443QR73D182KW01L DC2000 X7R (EIA) 1800 ±10% 4.5 3.2 1.5 2.5 0.3 min. GR443QR73D222KW01L DC2000 X7R (EIA) 2200 ±10% 4.5 3.2 1.5 2.5 0.3 min. GR443QR73D272KW01L DC2000 X7R (EIA) 2700 ±10% 4.5 3.2 1.5 2.5 0.3 min. GR443QR73D332KW01L DC2000 X7R (EIA) 3300 ±10% 4.5 3.2 1.5 2.5 0.3 min. GR443QR73D392KW01L DC2000 X7R (EIA) 3900 ±10% 4.5 3.2 1.5 2.5 0.3 min. GR443DR73D472KW01L DC2000 X7R (EIA) 4700 ±10% 4.5 3.2 2.0 2.5 0.3 min. GR455DR73D103KW01L DC2000 X7R (EIA) 10000 ±10% 5.7 5.0 2.0 3.2 0.3 min. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |