| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRJ552B11H102KA01D bảng dữ liệu(PDF) 97 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D bảng dữ liệu(HTML) 97 Page - Murata Manufacturing Co., Ltd. |
|
97 / 221 page ![]() 95 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. The part number code is shown in ( ) and Unit is shown in [ ]. < >: EIA [inch] Code LxW [mm] Rated Volt. [Vdc] Capacitance Tolerance Part Number 25( 1E) GJM0336C1E9R0WB01D GJM0336C1E9R0BB01D GJM0336C1E9R0CB01D GJM0336C1E9R0DB01D GJM0336C1E9R1WB01D GJM0336C1E9R1BB01D GJM0336C1E9R1CB01D GJM0336C1E9R1DB01D GJM0336C1E9R2WB01D GJM0336C1E9R2BB01D GJM0336C1E9R2CB01D GJM0336C1E9R2DB01D GJM0336C1E9R3WB01D GJM0336C1E9R3BB01D GJM0336C1E9R3CB01D GJM0336C1E9R3DB01D GJM0336C1E9R4WB01D GJM0336C1E9R4BB01D GJM0336C1E9R4CB01D GJM0336C1E9R4DB01D GJM0336C1E9R5WB01D GJM0336C1E9R5BB01D GJM0336C1E9R5CB01D GJM0336C1E9R5DB01D GJM0336C1E9R6WB01D GJM0336C1E9R6BB01D GJM0336C1E9R6CB01D GJM0336C1E9R6DB01D GJM0336C1E9R7WB01D GJM0336C1E9R7BB01D GJM0336C1E9R7CB01D GJM0336C1E9R7DB01D GJM0336C1E9R8WB01D GJM0336C1E9R8BB01D GJM0336C1E9R8CB01D GJM0336C1E9R8DB01D GJM0336C1E9R9WB01D GJM0336C1E9R9BB01D GJM0336C1E9R9CB01D GJM0336C1E9R9DB01D 50( 1H) GJM1555C1H9R0WB01D GJM1555C1H9R0BB01D GJM1555C1H9R0CB01D GJM1555C1H9R0DB01D GJM1555C1H9R1WB01D GJM1555C1H9R1BB01D GJM1555C1H9R1CB01D GJM1555C1H9R1DB01D GJM1555C1H9R2WB01D GJM1555C1H9R2BB01D GJM1555C1H9R2CB01D GJM1555C1H9R2DB01D GJM1555C1H9R3WB01D GJM1555C1H9R3BB01D GJM1555C1H9R3CB01D GJM1555C1H9R3DB01D GJM1555C1H9R4WB01D GJM1555C1H9R4BB01D GJM1555C1H9R4CB01D GJM1555C1H9R4DB01D GJM1555C1H9R5WB01D GJM1555C1H9R5BB01D GJM1555C1H9R5CB01D GJM1555C1H9R5DB01D GJM1555C1H9R6WB01D GJM1555C1H9R6BB01D GJM1555C1H9R6CB01D GJM1555C1H9R6DB01D GJM1555C1H9R7WB01D GJM1555C1H9R7BB01D GJM1555C1H9R7CB01D GJM1555C1H9R7DB01D GJM1555C1H9R8WB01D GJM1555C1H9R8BB01D GJM1555C1H9R8CB01D GJM1555C1H9R8DB01D GJM1555C1H9R9WB01D GJM1555C1H9R9BB01D GJM1555C1H9R9CB01D GJM1555C1H9R9DB01D 1.0x0.5( 15)<0402> 0.6x0.3( 03)<0201> 9.0pF( 9R0) 9.1pF( 9R1) 9.2pF( 9R2) 9.3pF( 9R3) 9.4pF( 9R4) 9.5pF( 9R5) 9.6pF( 9R6) 9.7pF( 9R7) 9.8pF( 9R8) 9.9pF( 9R9) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) Temperature Compensating Type C0G(5C)/C0H(6C) Characteristics GJM0336C1E8R9WB01D GJM0336C1E8R9BB01D GJM0336C1E8R9CB01D GJM0336C1E8R9DB01D GJM1555C1H8R9WB01D GJM1555C1H8R9BB01D GJM1555C1H8R9CB01D GJM1555C1H8R9DB01D 8.9pF( 8R9) ±0.05pF(W) ±0.1pF(B) ±0.25pF(C) ±0.5pF(D) • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |