| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRJ552B11H102KA01D bảng dữ liệu(PDF) 164 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D bảng dữ liệu(HTML) 164 Page - Murata Manufacturing Co., Ltd. |
|
164 / 221 page ![]() 163 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Part Number Rated Voltage (V) TC Code (Standard) Capacitance (pF) Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) Continued from the preceding page. GRM31A7U3D100JW31D DC2000 U2J (EIA) 10 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D120JW31D DC2000 U2J (EIA) 12 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D150JW31D DC2000 U2J (EIA) 15 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D180JW31D DC2000 U2J (EIA) 18 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D220JW31D DC2000 U2J (EIA) 22 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D270JW31D DC2000 U2J (EIA) 27 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D330JW31D DC2000 U2J (EIA) 33 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D390JW31D DC2000 U2J (EIA) 39 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D470JW31D DC2000 U2J (EIA) 47 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D560JW31D DC2000 U2J (EIA) 56 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM31A7U3D680JW31D DC2000 U2J (EIA) 68 ±5% 3.2 1.6 1.0 1.8 0.3 min. GRM32A7U3D820JW31D DC2000 U2J (EIA) 82 ±5% 3.2 2.5 1.0 1.8 0.3 min. GRM32A7U3D101JW31D DC2000 U2J (EIA) 100 ±5% 3.2 2.5 1.0 1.8 0.3 min. GRM32A7U3D121JW31D DC2000 U2J (EIA) 120 ±5% 3.2 2.5 1.0 1.8 0.3 min. GRM32A7U3D151JW31D DC2000 U2J (EIA) 150 ±5% 3.2 2.5 1.0 1.8 0.3 min. GRM32B7U3D181JW31L DC2000 U2J (EIA) 180 ±5% 3.2 2.5 1.25 1.8 0.3 min. GRM32B7U3D221JW31L DC2000 U2J (EIA) 220 ±5% 3.2 2.5 1.25 1.8 0.3 min. GRM42A7U3F270JW31L DC3150 U2J (EIA) 27 ±5% 4.5 2.0 1.0 2.9 0.3 min. GRM42A7U3F330JW31L DC3150 U2J (EIA) 33 ±5% 4.5 2.0 1.0 2.9 0.3 min. GRM42A7U3F390JW31L DC3150 U2J (EIA) 39 ±5% 4.5 2.0 1.0 2.9 0.3 min. GRM42A7U3F470JW31L DC3150 U2J (EIA) 47 ±5% 4.5 2.0 1.0 2.9 0.3 min. GRM42A7U3F560JW31L DC3150 U2J (EIA) 56 ±5% 4.5 2.0 1.0 2.9 0.3 min. GRM42A7U3F680JW31L DC3150 U2J (EIA) 68 ±5% 4.5 2.0 1.0 2.9 0.3 min. GRM42A7U3F820JW31L DC3150 U2J (EIA) 82 ±5% 4.5 2.0 1.0 2.9 0.3 min. GRM42A7U3F101JW31L DC3150 U2J (EIA) 100 ±5% 4.5 2.0 1.0 2.9 0.3 min. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |