| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM3725CUS bảng dữ liệu(PDF) 198 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CUS bảng dữ liệu(HTML) 198 Page - Texas Instruments |
|
198 / 280 page ![]() DM3730, DM3725 SPRS685D – AUGUST 2010 – REVISED JULY 2011 www.ti.com Table 6-30. CPI Timing Requirements —12-Bit SYNC Normal Interlaced Mode(4) (5) NO. PARAMETER OPP100 OPP50 UNIT MIN MAX MIN MAX ISP17 1 / tc(pclk) Frequency(1), input pixel clock cam_pclk 75 45 MHz ISP18 tw(pclkH) Typical pulse duration, input pixel clock cam_pclk high 0.5P(2) 0.5P(2) ns ISP18 tw(pclkL) Typical pulse duration, input pixel clock cam_pclk low 0.5P(2) 0.5P(2) ns tdc(pclk) Duty cycle error, input pixel clock cam_pclk 0.5*P(2) - 0.5*P(2) - ns 3.465 6.93 tJ(pclk) Cycle jitter(3), input pixel clock cam_pclk 0.0649*P 0.0649*P ns (2) (2) ISP19 tsu(dV-pclkH) Setup time, input data cam_d[11:0] valid before input 1.82 3.25 ns pixel clock cam_pclk rising edge ISP20 th(pclkH-dV) Hold time, input data cam_d[11:0] valid after input 1.82 3.25 ns pixel clock cam_pclk rising edge ISP21 tsu(dV-vsH) Setup time, input vertical synchronization cam_vs valid 1.82 3.25 ns before input pixel clock cam_pclk rising edge ISP22 th(pclkH-vsV) Hold time, input vertical synchronization cam_vs valid 1.82 3.25 ns after input pixel clock cam_pclk rising edge ISP23 tsu(dV-hsH) Setup time, input horizontal synchronization cam_hs 1.82 3.25 ns valid before input pixel clock cam_pclk rising edge ISP24 th(pclkH-hsV) Hold time, input horizontal synchronization cam_hs 1.82 3.25 ns valid after input pixel clock cam_pclk rising edge ISP25 tsu(dV-hsH) Setup time, input write enable cam_wen valid before 1.82 3.25 ns input pixel clock cam_pclk rising edge ISP26 th(pclkH-hsV) Hold time, input write enable cam_wen valid after input 1.82 3.25 ns pixel clock cam_pclk rising edge ISP27 tsu(dV-fldH) Setup time, input field identification cam_fld valid 1.82 3.25 ns before input pixel clock cam_pclk rising edge ISP28 th(pclkH-fldV) Hold time, input field identification cam_fld valid after 1.82 3.25 ns input pixel clock cam_pclk rising edge (1) Related with the input maximum frequency supported by the ISP module. (2) P = cam_pclk period in ns (3) Maximum cycle jitter supported by cam_pclk input clock. (4) The timing requirements are assured up to the cycle jitter and duty cycle error conditions specified. (5) See Section 4.3.4, Processor Clocks. 198 Timing Requirements and Switching Characteristics Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |