công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 170 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 166Page - Texas Instruments DM3725CUS Datasheet HTML 167Page - Texas Instruments DM3725CUS Datasheet HTML 168Page - Texas Instruments DM3725CUS Datasheet HTML 169Page - Texas Instruments DM3725CUS Datasheet HTML 170Page - Texas Instruments DM3725CUS Datasheet HTML 171Page - Texas Instruments DM3725CUS Datasheet HTML 172Page - Texas Instruments DM3725CUS Datasheet HTML 173Page - Texas Instruments DM3725CUS Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 6-7. GPMC/NOR Flash Timing Requirements
—Asynchronous Mode(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FA5(1)
tacc(d)
Data access time
H(5)
H(5)
ns
FA20(3)
tacc1-pgmode(d)
Page mode successive data access time
P(4)
P(4)
ns
FA21(2)
tacc2-pgmode(d)
Page mode first data access time
H(5)
H(5)
ns
(1) The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC functional
clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active functional clock
edge. FA5 value must be stored inside the AccessTime register bit field.
(2) The FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data is internally sampled by
active functional clock edge. FA21 value must be stored inside the AccessTime register bit field.
(3) The FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional clock
edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
(4) P = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(6)
(5) H = AccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(6)
(6) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(7) See Section 4.3.4, Processor Clocks.
Table 6-8. GPMC/NOR Flash Switching Characteristics
—Asynchronous Mode(16)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
tR(d)
Rise time, output data gpmc_d[15:0]
2
2
ns
tF(d)
Fall time, output data gpmc_d[15:0]
2
2
ns
FA0
tw(nbeV)
Pulse duration, output lower-byte
Read
N(12)
N(12)
ns
enable/command latch enable
Write
N(12)
N(12)
gpmc_nbe0_cle, output
upper-byte enable gpmc_nbe1
valid time
FA1
tw(ncsV)
Pulse duration, output chip select
Read
A(1)
A(1)
ns
gpmc_ncsx(13) low
Write
A(1)
A(1)
FA3
td(ncsV-nadvIV)
Delay time, output chip select
Read
B(2)
– 0.2
B(2) + 2.0
B(2)
– 0.2
B(2) + 2.6
ns
gpmc_ncsx(13) valid to output
Write
B(2)
– 0.2
B(2) + 2.0
B(2)
– 0.2
B(2) + 2.6
address valid/address latch
enable gpmc_nadv_ale invalid
FA4
td(ncsV-noeIV)
Delay time, output chip select gpmc_ncsx(13)
C(3)
– 0.2
C(3) + 2.0
C(3)
– 0.2
C(3) + 2.6
ns
valid to output enable gpmc_noe invalid
(Single read)
FA9
td(aV-ncsV)
Delay time, output address gpmc_a[27:1] valid
J(9)
– 0.2
J(9) + 2.0
J(9)
– 0.2
J(9) + 2.6
ns
to output chip select gpmc_ncsx(13) valid
FA10
td(nbeV-ncsV)
Delay time, output lower-byte
J(9)
– 0.2
J(9) + 2.0
J(9)
– 0.2
J(9) + 2.6
ns
enable/command latch enable
gpmc_nbe0_cle, output upper-byte enable
gpmc_nbe1 valid to output chip select
gpmc_ncsx(13) valid
FA12
td(ncsV-nadvV)
Delay time, output chip select gpmc_ncsx(13)
K(10)
– 0.2
K(10) + 2.0
K(10)
– 0.2
K(10) + 2.6
ns
valid to output address valid/address latch
enable gpmc_nadv_ale valid
FA13
td(ncsV-noeV)
Delay time, output chip select gpmc_ncsx(13)
L(11)
– 0.2
L(11) + 2.0
L (11)
– 0.2
L(11) + 2.6
ns
valid to output enable gpmc_noe valid
FA14
td(ncsV-iodir)
Delay time, output chip select gpmc_ncsx(13)
L(11)
– 0.2
L(11) + 2.0
L(11)
– 0.2
L(11) + 2.6
ns
valid to output IO direction control gpmc_io_dir
high
FA15
td(ncsV-iodir)
Delay time, output chip select gpmc_ncsx(13)
M(14)
– 0.2 M(14) + 2.0 M(14) – 0.2 M(14) + 2.6
ns
valid to output IO direction control gpmc_io_dir
low
170
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com