công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM3725CUS bảng dữ liệu(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DM3725CUS
Giải thích chi tiết về linh kiện  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CUS bảng dữ liệu(HTML) 160 Page - Texas Instruments

Back Button DM3725CUS Datasheet HTML 156Page - Texas Instruments DM3725CUS Datasheet HTML 157Page - Texas Instruments DM3725CUS Datasheet HTML 158Page - Texas Instruments DM3725CUS Datasheet HTML 159Page - Texas Instruments DM3725CUS Datasheet HTML 160Page - Texas Instruments DM3725CUS Datasheet HTML 161Page - Texas Instruments DM3725CUS Datasheet HTML 162Page - Texas Instruments DM3725CUS Datasheet HTML 163Page - Texas Instruments DM3725CUS Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
6.4
External Memory Interfaces
The device includes the following external memory interfaces:
•
General-purpose memory controller (GPMC)
•
SDRAM controller (SDRC)
6.4.1
General-Purpose Memory Controller (GPMC)
NOTE
For more information, see Memory Subsystem / General-Purpose Memory Controller section
of the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
The GPMC is the unified memory controller used to interface external memory devices such as:
•
Asynchronous SRAM-like memories and ASIC devices
•
Asynchronous page mode and synchronous burst NOR flash
•
NAND flash
6.4.1.1
GPMC/NOR Flash
—Synchronous Mode
Table 6-3 and Table 6-4 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-2 through Figure 6-6).
Table 6-2. GPMC/NOR Flash Timing Conditions
—Synchronous Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
1.8
ns
tF
Input signal fall time
1.8
ns
Output Conditions
CLOAD
Output load capacitance(1)
12
pF
(1) The load setting of the IO buffer: LB0 = 1.
Table 6-3. GPMC/NOR Flash Timing Requirements
—Synchronous Mode(1)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
F12
tsu(dV-clkH)
Setup time, input data gpmc_d[15:0] valid before
2.3
2.3
ns
output clock gpmc_clk high
F13
th(clkH-dV)
Hold time, input data gpmc_d[15:0] valid after output
1.5
1.5
ns
clock gpmc_clk high
F21
tsu(waitV-clkH)
Setup time, input wait gpmc_waitx(2) valid before
2.3
2.3
ns
output clock gpmc_clk high
F22
th(clkH-waitV)
Hold time, input wait gpmc_waitx(2) valid after output
1.9
1.9
ns
clock gpmc_clk high
(1) See Section 4.3.4, Processor Clocks.
(2) In gpmc_waitx, x is equal to 0, 1, 2, or 3.
Table 6-4. GPMC/NOR Flash Switching Characteristics
—Synchronous Mode(2) (18)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
F0
1 / tc(clk)
Frequency(15), output clock gpmc_clk
100
100
MHz
F1
tw(clkH)
Typical pulse duration, output clock gpmc_clk high
0.5P(12)
0.5P(12)
ns
F1
tw(clkL)
Typical pulse duration, output clock gpmc_clk low
0.5P(12)
0.5P(12)
ns
160
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com