| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB2046B bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB2046B bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 25 page ![]() TUSB2046B TUSB2046BI SLLS413I – FEBRUARY 2000 – REVISED SEPTEMBER 2013 www.ti.com THERMAL INFORMATION TUSB2046BI THERMAL METRIC(1) RHB UNITS 32 PINS θJA Junction-to-ambient thermal resistance(2) 35.7 θJCtop Junction-to-case (top) thermal resistance(3) 28.4 θJB Junction-to-board thermal resistance(4) 9.9 °C/W ψJT Junction-to-top characterization parameter(5) 0.5 ψJB Junction-to-board characterization parameter(6) 9.8 θJCbot Junction-to-case (bottom) thermal resistance(7) 4.3 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. (2) The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as specified in JESD51-7, in an environment described in JESD51-2a. (3) The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC- standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. (4) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB temperature, as described in JESD51-8. (5) The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining θJA, using a procedure described in JESD51-2a (sections 6 and 7). (6) The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining θJA , using a procedure described in JESD51-2a (sections 6 and 7). (7) The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. Spacer 6 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: TUSB2046B TUSB2046BI |