| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE2037CDRG4 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2037CDRG4 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 46 page ![]() TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010 7 www.ti.com TLE20x7C operating characteristics at specified free-air temperature, VCC ± = ±15 V, TA = 25°C (unless otherwise specified) PARAMETER TEST CONDITIONS TLE20x7C TLE20x7AC UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT RL = 2 kΩ, C 100 pF TLE2027 1.7 2.8 1.7 2.8 CL = 100 pF, See Figure 1 TLE2037 6 7.5 6 7.5 SR Slew rate at unity gain RL = 2 kΩ, CL = 100 pF, TLE2027 1.2 1.2 V/μs CL = 100 pF, TA = 0°C to 70°C, See Figure 1 TLE2037 5 5 V Equivalent input noise volt- RS = 20 Ω, f = 10 Hz 3.3 8 3.3 4.5 nV/√Hz Vn Equivalent input noise volt age (see Figure 2) RS = 20 Ω, f = 1 kHz 2.5 4.5 2.5 3.8 nV/√Hz VN(PP) Peak-to-peak equivalent in- put noise voltage f = 0.1 Hz to 10 Hz 50 250 50 130 nV I Equivalent input noise cur- f = 10 Hz 10 25 10 25 pA/√Hz In Equivalent input noise cur rent f = 1 kHz 0.8 1.8 0.8 1.8 pA/√Hz THD Total harmonic distortion VO = +10 V, AVD = 1, See Note 5 TLE2027 < 0.002% < 0.002% THD Total harmonic distortion VO = +10 V, AVD = 5, See Note 5 TLE2037 < 0.002% < 0.002% B1 Unity-gain bandwidth (see Figure 3) RL = 2 kΩ, CL = 100 pF TLE2027 9(6) 13 9(6) 13 MHz GBW Gain bandwidth product RL = 2 kΩ, CL = 100 pF TLE2037 35 50 35 50 MHz B Maximum output-swing R 2 kΩ TLE2027 30 30 kHz BOM Maximum output swing bandwidth RL = 2 kΩ TLE2037 80 80 kHz φ Phase margin at unity gain RL = 2 kΩ, TLE2027 55 ° 55 ° φm Phase margin at unity gain (see Figure 3) RL 2 kΩ, CL = 100 pF TLE2037 50 ° 50 ° NOTE 5: Measured distortion of the source used in the analysis was 0.002%. NOTE 6: This parameter is not production tested |