công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LS221DRG4 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện SN74LS221DRG4
Giải thích chi tiết về linh kiện  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74LS221DRG4 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74LS221DRG4 Datasheet HTML 2Page - Texas Instruments SN74LS221DRG4 Datasheet HTML 3Page - Texas Instruments SN74LS221DRG4 Datasheet HTML 4Page - Texas Instruments SN74LS221DRG4 Datasheet HTML 5Page - Texas Instruments SN74LS221DRG4 Datasheet HTML 6Page - Texas Instruments SN74LS221DRG4 Datasheet HTML 7Page - Texas Instruments SN74LS221DRG4 Datasheet HTML 8Page - Texas Instruments SN74LS221DRG4 Datasheet HTML 9Page - Texas Instruments SN74LS221DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54221
SN74221
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VT+
Positive-going threshold voltage,
B input
VCC = MIN
1.55
2*
1.55
2
V
VT−
Negative-going threshold voltage,
B input
VCC = MIN
0.8*
1.35
0.8
1.35
V
VIK
VCC = MIN,
II = −12 mA
−1.5
−1.5
V
VOH
VCC = MIN,
IOH = −800 µA
2.4
3.4
2.4
3.4
V
VOL
VCC = MIN,
IOL = 16 mA
0.2
0.4
0.2
0.4
V
II
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
A input
VCC = MAX,
VI = 2.4 V
40
40
A
IIH
CLR, B input
VCC = MAX,
VI = 2.4 V
80
80
µA
IIL
A input
VCC = MAX,
VI = 0.4 V
−1.6
−1.6
mA
IIL
CLR, B input
VCC = MAX,
VI = 0.4 V
−3.2
−3.2
mA
IOS§
VCC = MAX
−20
−55
−18
−55
mA
ICC
Quiescent
VCC = MAX
26
50*
26
50
mA
ICC
Triggered
VCC = MAX
46
80*
46
80
mA
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
SN54221
SN74221
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
A or B input
50
50
ns
tw
Pulse duration
CLR
20
20
ns
tsu
Setup time, inactive-state¶
CLR
15
15
ns
Rext
External timing resistance
1.4*
30*
1.4
40
k
Ω
Cext
External timing capacitance
0*
1000*
0
1000
µF
Output duty cycle
Rext = 2 kΩ
67%
67%
Output duty cycle
Rext = MAX Rext
90%
90%
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
¶ Inactive-state setup time also is referred to as recovery time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com