| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE2081ACDR bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2081ACDR bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 29 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2082I electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS T TLE2082I TLE2082AI UNIT PARAMETER TEST CONDITIONS TA MIN TYP MAX MIN TYP MAX UNIT Supply current 25 °C 2.7 3.1 3.9 2.7 3.1 3.9 ICC Supply current (both channels) VO = 0, No load Full range 3.9 3.9 mA Crosstalk attenuation VIC = 0, RL = 2 kΩ 25 °C 120 120 dB IOS Short circuit output current VO =0 VID = 1 V 25 °C – 30 – 45 – 30 – 45 mA IOS Short-circuit output current VO = 0 VID = – 1 V 25 °C 30 48 30 48 mA TLE2082I operating characteristics at specified free-air temperature, VCC± = ±15 V PARAMETER TEST CONDITIONS T † TLE2082I TLE2082AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT 25 °C 28 40 28 40 SR + Positive slew rate VO(PP) = 10 V, AVD = – 1, RL =2kΩ CL = 100 pF Full range 22 22 V/ µs RL = 2 kΩ, CL = 100 pF, See Figure 1 25 °C 30 45 30 45 SR – Negative slew rate See Figure 1 Full range 22 22 V/ µs t Settling time AVD = – 1, 10-V step, To 10 mV 25 °C 0.4 0.4 µs ts Settling time , RL = 1 kΩ, CL = 100 pF To 1 mV 25 °C 1.5 1.5 µs V Equivalent input noise f = 10 Hz 25 °C 28 28 nV/ √Hz Vn q voltage f = 10 kHz 25 °C 11.6 11.6 nV/ √Hz RS = 20 Ω, f = 10 Hz to 6 6 VN(PP) Peak-to-peak equivalent S See Figure 3 10 kHz 25 °C 6 6 µV VN(PP) q input noise voltage f = 0.1 Hz to 25 °C 06 06 µV 10 Hz 0.6 0.6 In Equivalent input noise current VIC = 0, f = 10 kHz 25 °C 2.8 2.8 fA/ √Hz THD+N Total harmonic distortion VO(PP) = 20 V, AVD = 10, f 1 kHz RL 2kΩ 25 °C 0 008% 0 008% THD + N plus noise f = 1 kHz, RL = 2 kΩ, RS = 25 Ω 25 °C 0.008% 0.008% B1 Unity gain bandwidth VI = 10 mV, RL = 2 kΩ, 25 °C 8 10 8 10 MHz B1 Unity-gain bandwidth I , L , CL = 25 pF, See Figure 2 25 °C 8 10 8 10 MHz BOM Maximum output-swing VO(PP) = 20 V, AVD = – 1, 25 °C 478 637 478 637 kHz BOM g bandwidth O(PP) VD RL = 2 kΩ,CL = 25 pF 25 °C 478 637 478 637 kHz φ Phase margin at unity VI = 10 mV, RL = 2 kΩ, 25 °C 57 ° 57 ° φm gy gain IL CL = 25 pF, See Figure 2 25 °C 57 ° 57 ° † Full range is – 40 °C to 85°C. |