công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2G02DCUTE4 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74LVC2G02DCUTE4
Giải thích chi tiết về linh kiện  DUAL 2-INPUT POSITIVE-NOR GATE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G02DCUTE4 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G02DCUTE4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G02DCUTE4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G02DCUTE4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G02DCUTE4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G02DCUTE4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G02DCUTE4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G02DCUTE4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G02DCUTE4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G02DCUTE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-Oct-2013
Addendum-Page 2
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74LVC2G02 :
• Enhanced Product: SN74LVC2G02-EP
NOTE: Qualified Version Definitions:
• Enhanced Product - Supports Defense, Aerospace and Medical Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15