công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F6775IPEU bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F6775IPEU
Giải thích chi tiết về linh kiện  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6775IPEU bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button MSP430F6775IPEU Datasheet HTML 17Page - Texas Instruments MSP430F6775IPEU Datasheet HTML 18Page - Texas Instruments MSP430F6775IPEU Datasheet HTML 19Page - Texas Instruments MSP430F6775IPEU Datasheet HTML 20Page - Texas Instruments MSP430F6775IPEU Datasheet HTML 21Page - Texas Instruments MSP430F6775IPEU Datasheet HTML 22Page - Texas Instruments MSP430F6775IPEU Datasheet HTML 23Page - Texas Instruments MSP430F6775IPEU Datasheet HTML 24Page - Texas Instruments MSP430F6775IPEU Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Table 6. Terminal Functions – PZ Package (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
General-purpose digital I/O with mappable secondary function
P4.1/PM_UCA3RXD/
Default mapping: eUSCI_A3 UART receive data
60
I/O
PM_UCA3SOMI/S31
Default mapping: eUSCI_A3 SPI slave out, master in
LCD segment output S31
General-purpose digital I/O with mappable secondary function
P4.2/PM_UCA3TXD/
Default mapping: eUSCI_A3 UART transmit data
61
I/O
PM_UCA3SIMO/S30
Default mapping: eUSCI_A3 SPI slave in, master out
LCD segment output S30
General-purpose digital I/O with mappable secondary function
P4.3/PM_UCA3CLK/S29
62
I/O
Default mapping: eUSCI_A3 clock input/output
LCD segment output S29
General-purpose digital I/O with mappable secondary function
P4.4/PM_UCB1SOMI/
Default mapping: eUSCI_B1 SPI slave out, master in
63
I/O
PM_UCB1SCL/S28
Default mapping: eUSCI_B1 I2C clock
LCD segment output S28
General-purpose digital I/O with mappable secondary function
P4.5/PM_UCB1SIMO/
Default mapping: eUSCI_B1 SPI slave in, master out
64
I/O
PM_UCB1SDA/S27
Default mapping: eUSCI_B1 I2C data
LCD segment output S27
General-purpose digital I/O with mappable secondary function
P4.6/PM_UCB1CLK/S26
65
I/O
Default mapping: eUSCI_B1 clock input/output
LCD segment output S26
General-purpose digital I/O with mappable secondary function
P4.7/PM_TA3.0/S25
66
I/O
Default Mapping: Timer TA3 CCR0 capture: CCI0A input, compare: Out0 output
LCD segment output S25
General-purpose digital I/O
P5.0/SDCLK/S24
67
I/O
SD24_B bit stream clock input/output
LCD segment output S24
General-purpose digital I/O
P5.1/PM_SD0DIO/S23
68
I/O
Default mapping: SD24_B converter 0 bit stream data input/output
LCD segment output S23
General-purpose digital I/O
P5.2/PM_SD1DIO/S22
69
I/O
Default mapping: SD24_B converter 1 bit stream data input/output
LCD segment output S22
General-purpose digital I/O
P5.3/PM_SD2DIO/S21
70
I/O
Default mapping: SD24_B converter 2 bit stream data input/output
LCD segment output S21
General-purpose digital I/O
P5.4/PM_SD3DIO/S20
71
I/O
Default mapping: SD24_B converter 3 bit stream data input/output
LCD segment output S20
General-purpose digital I/O
Default mapping: SD24_B converter 4 bit stream data input/output (not available on F674x
P5.5/PM_SD4DIO/S19
72
I/O
devices)
LCD segment output S19
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More