công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ06GS202TE/SP bảng dữ liệu(PDF) 47 Page - Microchip Technology

tên linh kiện DSPIC33FJ06GS202TE/SP
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202TE/SP bảng dữ liệu(HTML) 47 Page - Microchip Technology

Back Button DSPIC33FJ06GS202TE/SP Datasheet HTML 43Page - Microchip Technology DSPIC33FJ06GS202TE/SP Datasheet HTML 44Page - Microchip Technology DSPIC33FJ06GS202TE/SP Datasheet HTML 45Page - Microchip Technology DSPIC33FJ06GS202TE/SP Datasheet HTML 46Page - Microchip Technology DSPIC33FJ06GS202TE/SP Datasheet HTML 47Page - Microchip Technology DSPIC33FJ06GS202TE/SP Datasheet HTML 48Page - Microchip Technology DSPIC33FJ06GS202TE/SP Datasheet HTML 49Page - Microchip Technology DSPIC33FJ06GS202TE/SP Datasheet HTML 50Page - Microchip Technology DSPIC33FJ06GS202TE/SP Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 45
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
FIGURE 4-4:
DATA MEMORY MAP FOR dsPIC33FJ06GS202 DEVICE WITH 1-Kbyte RAM
0x0000
0x07FE
0x0BFE
0xFFFE
LSB
Address
16 bits
LSb
MSb
MSB
Address
0x0001
0x07FF
0xFFFF
Optionally
Mapped
into Program
Memory
0x0801
0x0800
0x0C00
2-Kbyte
SFR Space
1-Kbyte
SRAM Space
0x8001
0x8000
SFR Space
X Data
Unimplemented (X)
0x09FE
0x0A00
0x09FF
0x0A01
0x0BFF
0x0C01
0x1FFF
0x1FFE
0x2001
0x2000
8-Kbyte
Near Data
Space
X Data RAM (X)
Y Data RAM (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More