| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F6014 bảng dữ liệu(PDF) 99 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F6014 bảng dữ liệu(HTML) 99 Page - Microchip Technology |
|
99 / 228 page ![]() © 2006 Microchip Technology Inc. DS70117F-page 97 dsPIC30F6011/6012/6013/6014 15.2 I2C Module Addresses The I2CADD register contains the Slave mode addresses. The register is a 10-bit register. If the A10M bit (I2CCON<10>) is ‘0’, the address is interpreted by the module as a 7-bit address. When an address is received, it is compared to the 7 LSbs of the I2CADD register. If the A10M bit is ‘1’, the address is assumed to be a 10-bit address. When an address is received, it will be compared with the binary value ‘11110 A9 A8’ (where A9 and A8 are two Most Significant bits of I2CADD). If that value matches, the next address will be compared with the Least Significant 8 bits of I2CADD, as specified in the 10-bit addressing protocol. 15.3 I2C 7-bit Slave Mode Operation Once enabled (I2CEN = 1), the slave module will wait for a Start bit to occur (i.e., the I2C module is ‘Idle’). Fol- lowing the detection of a Start bit, 8 bits are shifted into I2CRSR and the address is compared against I2CADD. In 7-bit mode (A10M = 0), bits I2CADD<6:0> are compared against I2CRSR<7:1> and I2CRSR<0> is the R_W bit. All incoming bits are sampled on the rising edge of SCL. If an address match occurs, an Acknowledgement will be sent, and the slave event interrupt flag (SI2CIF) is set on the falling edge of the ninth (ACK) bit. The address match does not affect the contents of the I2CRCV buffer or the RBF bit. 15.3.1 SLAVE TRANSMISSION If the R_W bit received is a ‘1’, then the serial port will go into Transmit mode. It will send ACK on the ninth bit and then hold SCL to ‘0’ until the CPU responds by writ- ing to I2CTRN. SCL is released by setting the SCLREL bit, and 8 bits of data are shifted out. Data bits are shifted out on the falling edge of SCL, such that SDA is valid during SCL high. The interrupt pulse is sent on the falling edge of the ninth clock pulse, regardless of the status of the ACK received from the master. 15.3.2 SLAVE RECEPTION If the R_W bit received is a ‘0’ during an address match, then Receive mode is initiated. Incoming bits are sampled on the rising edge of SCL. After 8 bits are received, if I2CRCV is not full or I2COV is not set, I2CRSR is transferred to I2CRCV. ACK is sent on the ninth clock. If the RBF flag is set, indicating that I2CRCV is still holding data from a previous operation (RBF = 1), then ACK is not sent; however, the interrupt pulse is gener- ated. In the case of an overflow, the contents of the I2CRSR are not loaded into the I2CRCV. 15.4 I2C 10-bit Slave Mode Operation In 10-bit mode, the basic receive and transmit opera- tions are the same as in the 7-bit mode. However, the criteria for address match is more complex. The I2C specification dictates that a slave must be addressed for a write operation with two address bytes following a Start bit. The A10M bit is a control bit that signifies that the address in I2CADD is a 10-bit address rather than a 7-bit address. The address detection protocol for the first byte of a message address is identical for 7-bit and 10-bit messages, but the bits being compared are different. I2CADD holds the entire 10-bit address. Upon receiv- ing an address following a Start bit, I2CRSR <7:3> is compared against a literal ‘11110’ (the default 10-bit address) and I2CRSR<2:1> are compared against I2CADD<9:8>. If a match occurs and if R_W = 0, the interrupt pulse is sent. The ADD10 bit will be cleared to indicate a partial address match. If a match fails or R_W = 1, the ADD10 bit is cleared and the module returns to the Idle state. The low byte of the address is then received and com- pared with I2CADD<7:0>. If an address match occurs, the interrupt pulse is generated and the ADD10 bit is set, indicating a complete 10-bit address match. If an address match did not occur, the ADD10 bit is cleared and the module returns to the Idle state. 15.4.1 10-BIT MODE SLAVE TRANSMISSION Once a slave is addressed in this fashion with the full 10-bit address (we will refer to this state as “PRIOR_ADDR_MATCH”), the master can begin sending data bytes for a slave reception operation. TABLE 15-1: 7-BIT I2C™ SLAVE ADDRESSES SUPPORTED BY DSPIC30F 0x00 General call address or Start byte 0x01-0x03 Reserved 0x04-0x07 Hs mode Master codes 0x08-0x77 Valid 7-bit addresses 0x78-0x7b Valid 10-bit addresses (lower 7 bits) 0x7c-0x7f Reserved Note: The I2CRCV will be loaded if the I2COV bit = 1 and the RBF flag = 0. In this case, a read of the I2CRCV was performed but the user did not clear the state of the I2COV bit before the next receive occurred. The Acknowledgement is not sent (ACK = 1) and the I2CRCV is updated. |