công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC648B bảng dữ liệu(PDF) 34 Page - Microchip Technology

tên linh kiện TC648B
Giải thích chi tiết về linh kiện  Analog and Interface Product Selector Guide
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648B bảng dữ liệu(HTML) 34 Page - Microchip Technology

Back Button TC648B Datasheet HTML 30Page - Microchip Technology TC648B Datasheet HTML 31Page - Microchip Technology TC648B Datasheet HTML 32Page - Microchip Technology TC648B Datasheet HTML 33Page - Microchip Technology TC648B Datasheet HTML 34Page - Microchip Technology TC648B Datasheet HTML 35Page - Microchip Technology TC648B Datasheet HTML 36Page - Microchip Technology TC648B Datasheet HTML 37Page - Microchip Technology TC648B Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34 Analog & Interface Product Selector Guide
Tape and Reel:
TF:
Tape and Reel
F:
No Tape and Reel
Package Type (2 to 4 characters, see table below)
Product Part Number (3 characters, see specific data sheet)
Product Prefix
Part Number Suffix Designations
Ordering Information for all Microchip Analog Products beginning with “RE46C” prefix
RE46C xxx yyyy zz
Analog Product Part Numbers
Package
Description
# of Pins
Tube/Bag Qty.
Reel Qty.
E8
PDIP
8
60
N/A
S8
SOIC
8
100
3300
E14
PDIP
14
30
N/A
S14
SOIC
14
57
2600
E16
PDIP
16
30
N/A
S16
SOIC
16
50
2600
SW16
SOIC (300 mil)
16
47
1000
Tape and Reel:
TR:
Tape and Reel
Blank: No Tape and Reel
Package Type (see table below)
Functional Option (refer to data sheet)
Product Part Number (4-5 characters)
Product Prefix for USB port power controllers
Part Number Suffix Designations
Ordering Information for all Microchip Analog Products beginning with “UCS” prefix
UCS xxxxx - y - ppp - tt
Package
Description
# of Pins
Reel Qty.
BP
QFN (4 × 4)
20
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44