| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM139AFKB bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM139AFKB bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 33 page ![]() Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM139ADR SOIC D 14 2500 367.0 367.0 38.0 LM139DR SOIC D 14 2500 367.0 367.0 38.0 LM239ADR SOIC D 14 2500 367.0 367.0 38.0 LM239ADR SOIC D 14 2500 333.2 345.9 28.6 LM239DR SOIC D 14 2500 364.0 364.0 27.0 LM239DR SOIC D 14 2500 367.0 367.0 38.0 LM239DR SOIC D 14 2500 333.2 345.9 28.6 LM239DRG3 SOIC D 14 2500 364.0 364.0 27.0 LM239DRG4 SOIC D 14 2500 333.2 345.9 28.6 LM239PWR TSSOP PW 14 2000 367.0 367.0 35.0 LM2901AVQPWR TSSOP PW 14 2000 367.0 367.0 35.0 LM2901AVQPWRG4 TSSOP PW 14 2000 367.0 367.0 35.0 LM2901DR SOIC D 14 2500 367.0 367.0 38.0 LM2901DR SOIC D 14 2500 333.2 345.9 28.6 LM2901DRG3 SOIC D 14 2500 364.0 364.0 27.0 LM2901DRG4 SOIC D 14 2500 333.2 345.9 28.6 LM2901NSR SO NS 14 2000 367.0 367.0 38.0 LM2901PWR TSSOP PW 14 2000 367.0 367.0 35.0 LM2901PWR TSSOP PW 14 2000 364.0 364.0 27.0 LM2901PWRG3 TSSOP PW 14 2000 364.0 364.0 27.0 LM2901PWRG4 TSSOP PW 14 2000 367.0 367.0 35.0 LM2901VQPWR TSSOP PW 14 2000 367.0 367.0 35.0 LM2901VQPWRG4 TSSOP PW 14 2000 367.0 367.0 35.0 LM339ADBR SSOP DB 14 2000 367.0 367.0 38.0 LM339ADR SOIC D 14 2500 364.0 364.0 27.0 LM339ADR SOIC D 14 2500 333.2 345.9 28.6 LM339ADR SOIC D 14 2500 367.0 367.0 38.0 LM339ADRG4 SOIC D 14 2500 333.2 345.9 28.6 LM339ANSR SO NS 14 2000 367.0 367.0 38.0 LM339APWR TSSOP PW 14 2000 367.0 367.0 35.0 LM339DR SOIC D 14 2500 367.0 367.0 38.0 LM339DRG3 SOIC D 14 2500 364.0 364.0 27.0 LM339DRG4 SOIC D 14 2500 333.2 345.9 28.6 LM339PWR TSSOP PW 14 2000 367.0 367.0 35.0 LM339PWRG3 TSSOP PW 14 2000 364.0 364.0 27.0 LM339PWRG4 TSSOP PW 14 2000 367.0 367.0 35.0 PACKAGE MATERIALS INFORMATION www.ti.com 23-Oct-2013 Pack Materials-Page 3 |