| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6041T-E/OT bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6041T-E/OT bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 40 page ![]() MCP6041/2/3/4 DS21669D-page 2 2001-2013 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † VDD –VSS ........................................................................7.0V Current at Input Pins .....................................................±2 mA Analog Inputs (VIN+, VIN–) ............. VSS – 1.0V to VDD +1.0V All Other Inputs and Outputs .......... VSS – 0.3V to VDD +0.3V Difference Input voltage ...................................... |VDD –VSS| Output Short Circuit Current ..................................continuous Current at Output and Supply Pins ............................±30 mA Storage Temperature.................................... –65°C to +150°C Junction Temperature.................................................. +150°C ESD protection on all pins (HBM; MM) 4 kV; 200V † Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. †† See Section 4.1 “Rail-to-Rail Input” DC ELECTRICAL CHARACTERISTICS Electrical Characteristics: Unless otherwise indicated, V DD = +1.4V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT VDD/2, VL =VDD/2, and RL = 1 Mto VL (refer to Figure 1-2 and Figure 1-3). Parameters Sym Min Typ Max Units Conditions Input Offset Input Offset Voltage VOS -3 — +3 mV VCM = VSS Drift with Temperature V OS/TA —±2— µV/°C VCM = VSS, TA= -40°C to +85°C V OS/TA —±15 — µV/°C VCM = VSS, TA= +85°C to +125°C Power Supply Rejection PSRR 70 85 — dB VCM = VSS Input Bias Current and Impedance Input Bias Current IB —1— pA Industrial Temperature IB — 20 100 pA TA = +85° Extended Temperature IB — 1200 5000 pA TA = +125° Input Offset Current IOS —1— pA Common Mode Input Impedance ZCM —1013||6 — ||pF Differential Input Impedance ZDIFF —1013||6 — ||pF Common Mode Common-Mode Input Range VCMR VSS0.3 — VDD+0.3 V Common-Mode Rejection Ratio CMRR 62 80 — dB VDD = 5V, VCM = -0.3V to 5.3V CMRR 60 75 — dB VDD = 5V, VCM = 2.5V to 5.3V CMRR 60 80 — dB VDD = 5V, VCM = -0.3V to 2.5V Open-Loop Gain DC Open-Loop Gain (large signal) AOL 95 115 — dB RL = 50 k to VL, VOUT = 0.1V to VDD0.1V Output Maximum Output Voltage Swing VOL, VOH VSS +10 — VDD 10 mV RL = 50 k to VL, 0.5V input overdrive Linear Region Output Voltage Swing VOVR VSS + 100 — VDD 100 mV RL = 50 k to VL, AOL 95 dB Output Short Circuit Current ISC —2— mA VDD = 1.4V ISC —20 — mA VDD = 5.5V Power Supply Supply Voltage VDD 1.4 — 6.0 V (Note 1) Quiescent Current per Amplifier IQ 0.3 0.6 1.0 µA IO = 0 Note 1: All parts with date codes November 2007 and later have been screened to ensure operation at V DD = 6.0V. However, the other minimum and maximum specifications are measured at 1.4V and/or 5.5V. |