| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
64GA004 bảng dữ liệu(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA004 bảng dữ liệu(HTML) 43 Page - Microchip Technology |
|
43 / 268 page ![]() TABLE 4-21: PERIPHERAL PIN SELECT REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets RPINR0 0680 — — — INT1R4 INT1R3 INT1R2 INT1R1 INT1R0 — — — — — — — — 1F00 RPINR1 0682 — — — — — — — — — — — INT2R4 INT2R3 INT2R2 INT2R1 INT2R0 001F RPINR3 0686 — — — T3CKR4 T3CKR3 T3CKR2 T3CKR1 T3CKR0 — — — T2CKR4 T2CKR3 T2CKR2 T2CKR1 T2CKR0 1F1F RPINR4 0688 — — — T5CKR4 T5CKR3 T5CKR2 T5CKR1 T5CKR0 — — — T4CKR4 T4CKR3 T4CKR2 T4CKR1 T4CKR0 1F1F RPINR7 068E — — — IC2R4 IC2R3 IC2R2 IC2R1 IC2R0 — — — IC1R4 IC1R3 IC1R2 IC1R1 IC1R0 1F1F RPINR8 0690 — — — IC4R4 IC4R3 IC4R2 IC4R1 IC4R0 — — — IC3R4 IC3R3 IC3R2 IC3R1 IC3R0 1F1F RPINR9 0692 — — — — — — — — — — — IC5R4 IC5R3 IC5R2 IC5R1 IC5R0 001F RPINR11 0696 — — — OCFBR4 OCFBR3 OCFBR2 OCFBR1 OCFBR0 — — — OCFAR4 OCFAR3 OCFAR2 OCFAR1 OCFAR0 1F1F RPINR18 06A4 — — — U1CTSR4 U1CTSR3 U1CTSR2 U1CTSR1 U1CTSR0 — — — U1RXR4 U1RXR3 U1RXR2 U1RXR1 U1RXR0 1F1F RPINR19 06A6 — — — U2CTSR4 U2CTSR3 U2CTSR2 U2CTSR1 U2CTSR0 — — — U2RXR4 U2RXR3 U2RXR2 U2RXR1 U2RXR0 1F1F RPINR20 06A8 — — — SCK1R4 SCK1R3 SCK1R2 SCK1R1 SCK1R0 — — — SDI1R4 SDI1R3 SDI1R2 SDI1R1 SDI1R0 1F1F RPINR21 06AA — — — — — — — — — — — SS1R4 SS1R3 SS1R2 SS1R1 SS1R0 001F RPINR22 06AC — — — SCK2R4 SCK2R3 SCK2R2 SCK2R1 SCK2R0 — — — SDI2R4 SDI2R3 SDI2R2 SDI2R1 SDI2R0 1F1F RPINR23 06AE — — — — — — — — — — — SS2R4 SS2R3 SS2R2 SS2R1 SS2R0 001F RPOR0 06C0 — — — RP1R4 RP1R3 RP1R2 RP1R1 RP1R0 — — — RP0R4 RP0R3 RP0R2 RP0R1 RP0R0 0000 RPOR1 06C2 — — — RP3R4 RP3R3 RP3R2 RP3R1 RP3R0 — — — RP2R4 RP2R3 RP2R2 RP2R1 RP2R0 0000 RPOR2 06C4 — — — RP5R4 RP5R3 RP5R2 RP5R1 RP5R0 — — — RP4R4 RP4R3 RP4R2 RP4R1 RP4R0 0000 RPOR3 06C6 — — — RP7R4 RP7R3 RP7R2 RP7R1 RP7R0 — — — RP6R4 RP6R3 RP6R2 RP6R1 RP6R0 0000 RPOR4 06C8 — — — RP9R4 RP9R3 RP9R2 RP9R1 RP9R0 — — — RP8R4 RP8R3 RP8R2 RP8R1 RP8R0 0000 RPOR5 06CA — — — RP11R4 RP11R3 RP11R2 RP11R1 RP11R0 — — — RP10R4 RP10R3 RP10R2 RP10R1 RP10R0 0000 RPOR6 06CC — — — RP13R4 RP13R3 RP13R2 RP13R1 RP13R0 — — — RP12R4 RP12R3 RP12R2 RP12R1 RP12R0 0000 RPOR7 06CE — — — RP15R4 RP15R3 RP15R2 RP15R1 RP15R0 — — — RP14R4 RP14R3 RP14R2 RP14R1 RP14R0 0000 RPOR8 06D0 — — —RP17R4(1) RP17R3(1) RP17R2(1) RP17R1(1) RP17R0(1) — — —RP16R4(1) RP16R3(1) RP16R2(1) RP16R1(1) RP16R0(1) 0000 RPOR9 06D2 — — —RP19R4(1) RP19R3(1) RP19R2(1) RP19R1(1) RP19R0(1) — — —RP18R4(1) RP18R3(1) RP18R2(1) RP18R1(1) RP18R0(1) 0000 RPOR10 06D4 — — —RP21R4(1) RP21R3(1) RP21R2(1) RP21R1(1) RP21R0(1) — — —RP20R4(1) RP20R3(1) RP20R2(1) RP20R1(1) RP20R0(1) 0000 RPOR11 06D6 — — —RP23R4(1) RP23R3(1) RP23R2(1) RP23R1(1) RP23R0(1) — — —RP22R4(1) RP22R3(1) RP22R2(1) RP22R1(1) RP22R0(1) 0000 RPOR12 06D8 — — —RP25R4(1) RP25R3(1) RP25R2(1) RP25R1(1) RP25R0(1) — — —RP24R4(1) RP24R3(1) RP24R2(1) RP24R1(1) RP24R0(1) 0000 Legend: — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: Bits are only available on the 44-pin devices; otherwise, they read as ‘0’. |