| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32GA004 bảng dữ liệu(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
32GA004 bảng dữ liệu(HTML) 83 Page - Microchip Technology |
|
83 / 268 page ![]() 2010 Microchip Technology Inc. DS39881D-page 83 PIC24FJ64GA004 FAMILY REGISTER 7-20: IPC5: INTERRUPT PRIORITY CONTROL REGISTER 5 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-1 R/W-0 R/W-0 — — — — — INT1IP2 INT1IP1 INT1IP0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-3 Unimplemented: Read as ‘0’ bit 2-0 INT1IP2:INT1IP0: External Interrupt 1 Priority bits 111 = Interrupt is priority 7 (highest priority interrupt) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled |