công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMP7701MFX bảng dữ liệu(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMP7701MFX
Giải thích chi tiết về linh kiện  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMP7701MFX bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button LMP7701MFX Datasheet HTML 16Page - Texas Instruments LMP7701MFX Datasheet HTML 17Page - Texas Instruments LMP7701MFX Datasheet HTML 18Page - Texas Instruments LMP7701MFX Datasheet HTML 19Page - Texas Instruments LMP7701MFX Datasheet HTML 20Page - Texas Instruments LMP7701MFX Datasheet HTML 21Page - Texas Instruments LMP7701MFX Datasheet HTML 22Page - Texas Instruments LMP7701MFX Datasheet HTML 23Page - Texas Instruments LMP7701MFX Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
eni =
en +
2
ei +
2
et
2
V
-
V
+
VOUT
RO
RG
VIN
RF
V
-
V
+
RO
RG
RF
V
-
V
+
RO
RG
RF
V
-
V
+
RO
RG
RF
+
-
+
-
+
-
+
-
LMP7701, LMP7702, LMP7704
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Figure 51. Noise Reduction Circuit
TOTAL NOISE CONTRIBUTION
The LMP7701/LMP7702/LMP7704 have very low input bias current, very low input current noise, and very low
input voltage noise. As a result, these amplifiers are ideal choices for circuits with high impedance sensor
applications.
Figure 52 shows the typical input noise of the LMP7701/LMP7702/LMP7704 as a function of source resistance
where:
en denotes the input referred voltage noise
ei is the voltage drop across source resistance due to input referred current noise or ei = RS * in
et shows the thermal noise of the source resistance
eni shows the total noise on the input.
Where:
The input current noise of the LMP7701/LMP7702/LMP7704 is so low that it will not become the dominant factor
in the total noise unless source resistance exceeds 300 M
Ω, which is an unrealistically high value.
As is evident in Figure 52, at lower RS values, total noise is dominated by the amplifier's input voltage noise.
Once RS is larger than a few kilo-Ohms, then the dominant noise factor becomes the thermal noise of RS. As
mentioned before, the current noise will not be the dominant noise factor for any practical application.
20
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35