| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2995MX bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2995MX bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 22 page ![]() VDDQ PVIN AVIN 1 2 3 4 8 7 6 5 VSENSE VREF GND NC VTT GND GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 16 15 AVIN PVIN PVIN N/C N/C N/C N/C GND GND VSENSE VREF 1 2 3 4 8 7 6 5 NC VTT PVIN AVIN VDDQ LP2995 SNVS190M – FEBRUARY 2002 – REVISED MARCH 2013 www.ti.com Connection Diagram Figure 1. SOIC-8 (D0008A) Package Figure 2. NHP- 16 Package Top View Top View Figure 3. SO PowerPAD-8 (DDA0008A) Package Top View PIN DESCRIPTIONS SOIC-8 Pin or SO WQFN Pin Name Function PowerPAD-8 Pin 1 1,3,4,6,9, 13,16 NC No internal connection. Can be used for vias. 2 2 GND Ground. 3 5 VSENSE Feedback pin for regulating VTT. 4 7 VREF Buffered internal reference voltage of VDDQ/2. 5 8 VDDQ Input for internal reference equal to VDDQ/2. 6 10 AVIN Analog input pin. 7 11, 12 PVIN Power input pin. 8 14, 15 VTT Output voltage for connection to termination resistors. EP EP Exposed pad thermal connection. Connect to Ground. 2 Submit Documentation Feedback Copyright © 2002–2013, Texas Instruments Incorporated Product Folder Links: LP2995 |