| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3990MF-1.8 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3990MF-1.8 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 24 page ![]() TIME (50 Ps/DIV) IL = 1 mA TIME (50 Ps/DIV) IL = 150 mA 100 1k 10k 100k 1M FREQUENCY (Hz) IL = 1 mA COUT = 0.47 PF COUT = 1 PF -90 -80 -70 -60 -50 -40 -30 -20 -10 0 100 1k 10k 100k 1M FREQUENCY (Hz) ILOAD = 150 mA COUT = 1 PF COUT = 0.47 PF -90 -80 -70 -60 -50 -40 -30 -20 -10 0 TIME (100 Ps/DIV) 800 VIN = 6V 600 400 200 0 TIME (100 Ps/DIV) 3.1 2.5 CIN = 1 PF COUT = 0.47 PF IL = 1 to 150 mA LP3990 SNVS251I – MAY 2004 – REVISED MAY 2013 www.ti.com Typical Performance Characteristics (continued) Unless otherwise specified, CIN = 1.0µF Ceramic, COUT = 0.47 µF Ceramic, VIN = VOUT(NOM) + 1.0V, TA = 25°C, VOUT(NOM) = 1.5V , Shutdown pin is tied to VIN. Short Circuit Current Line transient Power Supply Rejection Ratio Power Supply Rejection Ratio Enable Start-up Time Enable Start-up Time 8 Submit Documentation Feedback Copyright © 2004–2013, Texas Instruments Incorporated Product Folder Links: LP3990 |