| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CM50TL-24NF bảng dữ liệu(PDF) 1 Page - Powerex Power Semiconductors |
|
|
|||||||||||||||||||||||||||||
CM50TL-24NF bảng dữ liệu(HTML) 1 Page - Powerex Power Semiconductors |
|
1 / 4 page ![]() Six IGBTMOD™ NF-Series Module 50 Amperes/1200 Volts CM50TL-24NF Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com 1 10/10 Rev. 1 Description: Powerex IGBTMOD™ Modules are designed for use in switching applications. Each module consists of six IGBT Transistors in a three phase bridge configuration, with each transistor having a reverse-connected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. Features: £ Low Drive Power £ Low VCE(sat) £ Discrete Super-Fast Recovery Free-Wheel Diode £ Isolated Baseplate for Easy Heat Sinking Applications: £ AC Motor Control £ Motion/Servo Control £ UPS £ Photovoltaic/Fuel Cell Ordering Information: Example: Select the complete module number you desire from the table below -i.e. CM50TL-24NF is a 1200V (VCES), 50 Ampere Six- IGBTMOD™ Power Module. Type Current Rating VCES Amperes Volts (x 50) CM 50 24 Dimensions Inches Millimeters A 4.72 120.0 B 2.17 55.0 C 1.39 35.0 D 4.17±0.02 106.0±0.5 E 0.43 11.0 F 0.28 7.0 G 0.54 13.62 H 1.61 40.78 J 0.67 17.0 K 0.47 12.0 L M5 M5 M 0.22 Dia. Dia. 5.5 Dimensions Inches Millimeters N 1.23 32.0 P 0.47 11.75 Q 0.53 13.5 R 0.91 23.0 S 0.87 22.0 T 0.76 19.75 U 0.42 10.75 V 0.87+0.04/-0.02 22.0+1.0/-0.5 W 0.91 23.2 X 0.63 16.0 Y 0.12 3.0 Outline Drawing and Circuit Diagram A E D H J G J F C V L M N W X B K K K Q Y P K K K K S R T U R R 8 1 1 1 1 P NC NC NC B UP-1 UP-2 CN-5 CN-6 U VP-1 VP-2 CN-3 CN-4 V WP-1 WP-2 CN-1 CN-2 W CN-7 CN-8 N AA CN UP VP WP N P B U V W AB Housing Types (J.S.T. Mfg. Co. Ltd.) AA – B8P-VH-FB-B AB – B2P-VH-FB-B |
Số phần tương tự - CM50TL-24NF |
|
Mô tả tương tự - CM50TL-24NF |