| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
324056 bảng dữ liệu(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
324056 bảng dữ liệu(HTML) 5 Page - Tyco Electronics |
|
5 / 6 page ![]() Dimensions are shown for reference Dimensions are in inches and Specifications subject to change. Technical Support Center purposes only. millimeters unless otherwise 1-800-522-6752 specified. Values in brackets are www.amp.com metric equivalents. Dimensions are shown for reference Dimensions are in inches and Specifications subject to change. Technical Support Center purposes only. millimeters unless otherwise 1-800-522-6752 specified. Values in brackets are www.amp.com metric equivalents. Standard Terminals and Splices Catalog 82042 Revised 8-00 CERTI-SEAL 63 Product Facts s Nylon window splice for military, commercial, air- craft, and missile applica- tions that seals out vapors and fluids and imparts exceptional wire insulation support s Metal rings at both ends of splice and permanently crimped to wire insulation for a moisture tight seal, even at altitude s Designed to fit more than 100 insulation diameters in MIL-Spec wires from #24 to #10 AWG, and is available in three types s First type is made with a nylon ring adapter within the wire entrance s Second type, without nylon ring adapters s Third type with a nylon ring adapter in one end only s Special notch feature on the outside of the splice allows locator in the crimp - ing tool to precisely posi - tion splice before crimping and to prevent twisting or horizontal movement dur- ing crimping s Window area of each splice permits visual inspection of the linear plane of the crimp in relation to the inner metal sleeve s Wire-stops in splice barrel indicate exact insertion depth of stripped wire-ends Table of Contents Splices and Tooling. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64 Color Coding. The splice body is color coded by wire size: Tin plated for 24-20, Red for 22-18, Blue for 16-14, Yellow for 12-10. The metal rings are color coded green or orange to identify the presence of adapters. Rings. Metal rings at both ends permanently seal the splice to the wire insulation for a moisture tight seal. Adapters. Nylon ring adapter allows for smaller wire insulation diameters. Basic Splice Material. The basic splice body is constructed of fine grade high conductivity copper per ASTM B-152 and is either color coded or tin-plated per ASTM B-545. AMP’s special plat- ing process creates durable cor - rosion resistance to salt spray and most chemical fumes. Insulation. Nylon insulation assures high dielectric strength. Special notch feature allows crimping tool locator to position the splice to prevent twisting during crimping. |