| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
321620 bảng dữ liệu(PDF) 13 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
321620 bảng dữ liệu(HTML) 13 Page - Tyco Electronics |
|
13 / 30 page ![]() Dimensions are shown for reference Dimensions are in inches and Specifications subject to change. Technical Support Center purposes only. millimeters unless otherwise 1-800-522-6752 specified. Values in brackets are www.amp.com metric equivalents. Standard Terminals and Splices Catalog 82042 Revised 8-00 PIDG (Pre-Insulated Diamond Grip) (Continued) 19 Rectangular Tongue Terminals Material Insulation — Nylon except where noted. Terminal Body and Metallic Sleeve — Copper per ASTM B-152 except where noted. Plating — Tin per ASTM B-545 Related Product Data Insulation Color Code — pg. 4 Packaging Quantities — pg. 4 Performance Specifications — pgs. 4 & 5 Application Tooling — pg. 72 Wire Size Tongue Dimensions Wire Part Numbers Circular Mils Material Stud Terminal Insulation [mm2] Thickness Size W C E L X Insulation Diameter Loose Tape Max. Min. Max. Max. Color Max. Piece Mounted 26-22 2 .182 .211 .542 .647 .100 Yellow .082 3212062 — 202-810 .020 M2 4.62 5.36 13.77 16.43 2.54 2.08 0.51 6 .277 .308 .643 .783 .130 Yellow .082 330250 — [0.10-0.41] M3.5 7.04 7.82 16.33 19.89 3.30 2.08 2 .182 .203 .607 .727 .115 Red .125 325148 — M2 4.62 5.16 15.42 18.47 2.92 3.18 .237 .237 .643 .796 .143 Red .140 2-327968-1 — 4 6.02 6.02 16.33 20.22 3.63 3.56 .237 .404 .810 1.015 .195 Red .140 327962 — 6.02 10.26 20.57 25.78 4.95 3.56 .250 .187 .591 .736 .140 Red .140 55777-1 — 5 6.35 4.75 15.01 18.69 3.56 3.56 M3 .277 .277 .702 .855 .143 Red .140 2-327950-1 — 7.04 7.04 17.83 21.72 3.63 3.56 22-16 .237 .404 .810 1.015 .195 Red .140 2-327956-1 — 509-3,260 .033 6.02 10.26 20.57 25.78 4.95 3.56 0.84 .250 .312 .716 .846 .125 Red .125 320629 2-320629-1 [0.26-1.65] 6 6.35 7.92 18.19 21.49 3.18 3.18 M3.5 .250 .312 .716 .846 .125 Red .140 33476* 2-33476-1 6.35 7.92 18.19 21.49 3.18 3.56 .302 .465 .872 1.109 .227 Red .140 2-327938-1 2-327938-2 7.67 11.81 22.15 28.17 5.77 3.56 .302 .465 .872 1.109 .227 Red .140 327944* 2-327944-2 8 7.67 11.81 22.15 28.17 5.77 3.56 M4 .390 .621 1.039 1.359 .310 Red .140 327932 — 9.91 15.77 26.39 34.52 7.87 3.56 10 .312 .281 .685 .893 .203 Red .140 320209* — 7.92 7.14 17.40 22.68 5.16 3.56 .237 .237 .643 .796 .143 Blue .150 2-327970-4 — 4 6.02 6.02 16.33 20.22 3.63 3.81 16-14 .237 .404 .810 1.015 .195 Blue .150 2-327964-4 — 2,050-5,180 .033 6.02 10.26 20.57 25.78 4.95 3.81 0.84 .244 .312 .716 .856 .125 Blue .150 — 55694-11 [1.04-2.62] 5 6.20 7.92 18.19 21.74 3.18 3.81 M3 .277 .277 .702 .855 .143 Blue .150 2-327952-2 — 7.04 7.04 17.83 21.72 3.63 3.81 *Available in small packaging quantities. 1 Insulation—Vinyl 2 Terminal Body— Brass per MIL-C-50. Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. |