công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

175285-2 bảng dữ liệu(PDF) 30 Page - List of Unclassifed Manufacturers

tên linh kiện 175285-2
Giải thích chi tiết về linh kiện  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

175285-2 bảng dữ liệu(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 175285-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175285-2 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
28
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Anschlussarten/Termination types
Schraubanschluss/Screw terminal
Schraubanschluss
Der Schraubanschluss ist die bekannte-
ste Anschlussart. Ihre Bemessung
erfolgt nach VDE 0609. Anzugs- und
Prüfdrehmomente entnehmen Sie bitte
nebenstehender Tabelle.
Screw terminal
The screw terminal is the most com-
mon type of connection. Ratings are
based on VDE 0609. Please refer to the
table at the left for torques.
Das Diagramm zeigt den Streubereich der
Ausziehkräfte der Leiter aus der
Schraubver-bindung eines
Kontaktelementes mit Klemmschutz.
Klemmschraube: M 3
Prüfdrehmoment: 50 Ncm
The diagram shows the force range for
pulling the conductor out of the screwed
connection of a contact element with wire
protection.
Clamp screw: M 3
Test torque: 50 Ncm
Die einschlägigen Bestimmungen sagen
aus:
• Serien HE, HSB-Klemmen
mit Drahtschutz:
Ausser dem Abisolieren ist kein besonde-
res Herrichten der Leiterenden erforderlich.
The relevant regulations stipulate:
• Terminals of series HE, HSB
with wire protection:
No special preparation of wire ends
required except for stripping.
Leiterquerschnitt (mm2)1
1,5
2,5
46
10
Wire cross section (mm2)
Schraubengewinde
M 2,6
M 3
M3
M 3,5
M 4
M 4
Thread
Prüfdrehmoment Ncm
40
50
50
80
120
120
Test torque Ncm
mit Drahtschutz/with wire protection
Kontakt-Einsätze
max. Leiterquerschnitt
Abisolierlänge
Contact inserts
max. wire cross section
Stripping length
mm2
AWG
I (mm)
HA.3/HA.4
2,5
14
4,5
HE.6-48/HA.10-64
2,5
14
7,0
HSB.6/35
6,0
10
11,5
L
• Schraubanschluss
Screw connection
• Crimpanschluss
Crimp connection
• Spring Clamp-Anschluss
Spring Clamp connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com