công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9764 bảng dữ liệu(PDF) 12 Page - Analog Devices

tên linh kiện AD9764
Giải thích chi tiết về linh kiện  14-Bit, 125 MSPS TxDAC D/A Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9764 bảng dữ liệu(HTML) 12 Page - Analog Devices

Back Button AD9764 Datasheet HTML 8Page - Analog Devices AD9764 Datasheet HTML 9Page - Analog Devices AD9764 Datasheet HTML 10Page - Analog Devices AD9764 Datasheet HTML 11Page - Analog Devices AD9764 Datasheet HTML 12Page - Analog Devices AD9764 Datasheet HTML 13Page - Analog Devices AD9764 Datasheet HTML 14Page - Analog Devices AD9764 Datasheet HTML 15Page - Analog Devices AD9764 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
REV. B
AD9764
–12–
1.25 V for an IOUTFS = 20 mA to 1.00 V for an IOUTFS = 2 mA.
Operation beyond the positive compliance range will induce
clipping of the output signal which severely degrades the
AD9764’s linearity and distortion performance.
For applications requiring the optimum dc linearity, IOUTA and/
or IOUTB should be maintained at a virtual ground via an I-V op
amp configuration. Maintaining IOUTA and/or IOUTB at a virtual
ground keeps the output impedance of the AD9764 fixed, signifi-
cantly reducing its effect on linearity. However, it does not
necessarily lead to the optimum distortion performance due to
limitations of the I-V op amp. Note that the INL/DNL speci-
fications for the AD9764 are measured in this manner using
IOUTA. In addition, these dc linearity specifications remain
virtually unaffected over the specified power supply range of
2.7 V to 5.5 V.
Operating the AD9764 with reduced voltage output swings at
IOUTA and IOUTB in a differential or single-ended output configu-
ration reduces the signal dependency of its output impedance
thus enhancing distortion performance. Although the voltage
compliance range of IOUTA and IOUTB extends from –1.0 V to
+1.25 V, optimum distortion performance is achieved when the
maximum full-scale signal at IOUTA and IOUTB does not exceed
approximately 0.5 V. A properly selected transformer with a
grounded center-tap will allow the AD9764 to provide the re-
quired power and voltage levels to different loads while main-
taining reduced voltage swings at IOUTA and IOUTB. DC-coupled
applications requiring a differential or single-ended output con-
figuration should size RLOAD accordingly. Refer to Applying the
AD9764 section for examples of various output configurations.
The most significant improvement in the AD9764’s distortion
and noise performance is realized using a differential output
configuration. The common-mode error sources of both IOUTA
and IOUTB can be substantially reduced by the common-mode
rejection of a transformer or differential amplifier. These
common-mode error sources include even-order distortion
products and noise. The enhancement in distortion performance
becomes more significant as the reconstructed waveform’s
frequency content increases and/or its amplitude decreases.
This is evident in Figure 14, which compares the differential
vs. single-ended performance of the AD9764 at 50 MSPS for
0.0 and –6.0 dBFS single tone waveforms over frequency.
The distortion and noise performance of the AD9764 is also
slightly dependent on the analog and digital supply as well as the
full-scale current setting, IOUTFS. Operating the analog supply at
5.0 V ensures maximum headroom for its internal PMOS current
sources and differential switches leading to improved distortion
performance as shown in Figure 8. Although IOUTFS can be set
between 2 mA and 20 mA, selecting an IOUTFS of 20 mA will
provide the best distortion and noise performance also shown in
Figure 8. The noise performance of the AD9764 is affected by
the digital supply (DVDD), output frequency, and increases
with increasing clock rate as shown in Figure 13. Operating the
AD9764 with low voltage logic levels between 3 V and 3.3 V
will slightly reduce the amount of on-chip digital noise.
In summary, the AD9764 achieves the optimum distortion and
noise performance under the following conditions:
(1) Differential Operation.
(2) Positive voltage swing at IOUTA and IOUTB limited to +0.5 V.
(3) IOUTFS set to 20 mA.
(4) Analog Supply (AVDD) set at 5.0 V.
(5) Digital Supply (DVDD) set at 3.0 V to 3.3 V with appro-
priate logic levels.
Note that the ac performance of the AD9764 is characterized
under the above mentioned operating conditions.
DIGITAL INPUTS
The AD9764’s digital input consists of 14 data input pins and a
clock input pin. The 14-bit parallel data inputs follow standard
positive binary coding where DB13 is the most significant bit
(MSB), and DB0 is the least significant bit (LSB). IOUTA pro-
duces a full-scale output current when all data bits are at Logic
1. IOUTB produces a complementary output with the full-scale
current split between the two outputs as a function of the input
code.
The digital interface is implemented using an edge-triggered
master slave latch. The DAC output is updated following the
rising edge of the clock as shown in Figure 1 and is designed to
support a clock rate as high as 125 MSPS. The clock can be
operated at any duty cycle that meets the specified latch pulse-
width. The setup and hold times can also be varied within the
clock cycle as long as the specified minimum times are met,
although the location of these transition edges may affect digital
feedthrough and distortion performance. Best performance is
typically achieved when the input data transitions on the falling
edge of a 50% duty cycle clock.
The digital inputs are CMOS-compatible with logic thresholds,
VTHRESHOLD, set to approximately half the digital positive supply
(DVDD) or
VTHRESHOLD = DVDD/2 (
±20%)
The internal digital circuitry of the AD9764 is capable of operating
over a digital supply range of 2.7 V to 5.5 V. As a result, the
digital inputs can also accommodate TTL levels when DVDD is
set to accommodate the maximum high level voltage of the TTL
drivers VOH(MAX). A DVDD of 3 V to 3.3 V will typically ensure
proper compatibility with most TTL logic families. Figure 29
shows the equivalent digital input circuit for the data and clock
inputs. The sleep mode input is similar with the exception that
it contains an active pull-down circuit, thus ensuring that the
AD9764 remains enabled if this input is left disconnected.
DVDD
DIGITAL
INPUT
Figure 29. Equivalent Digital Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com