| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC8412FPC bảng dữ liệu(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8412FPC bảng dữ liệu(HTML) 15 Page - Analog Devices |
|
15 / 20 page ![]() Data Sheet DAC8412/DAC8413 Rev. G | Page 15 of 20 RESET The RESET function can be used either at power-up or at any time during DAC operation. The RESET function is independent of CS. This pin is active low and sets the DAC output registers to either center code for the DAC8412, or zero code for the DAC8413. The reset-to-center code is most useful when the DAC is configured for bipolar references and an output of 0 V after reset is desired. SUPPLIES Supplies required are VSS, VDD, and VLOGIC. The VSS supply can be set between −15 V and 0 V. VDD is the positive supply; its operating range is between 5 V and 15 V. VLOGIC is the digital output supply voltage for the readback function. It is normally connected to +5 V. This pin is a logic reference input only. It does not supply current to the device. If the readback function is not being used, VLOGIC can be left open- circuit. While VLOGIC does not supply current to the DAC8412, it does supply currents to the digital outputs when readback is used. AMPLIFIERS Unlike many voltage output DACs, the DAC8412 features buffered voltage outputs. Each output is capable of both sourcing and sinking 5 mA at ±10 V, eliminating the need for external amplifiers when driving 500 pF or smaller capacitive load in most applications. These amplifiers are short-circuit protected. Table 6. DAC8412/DAC8413 Logic Table A1 A0 R/W CS RS LDAC Input Register Output Register Mode DAC L L L L H L Write Write Transparent A L H L L H L Write Write Transparent B H L L L H L Write Write Transparent C H H L L H L Write Write Transparent D L L L L H H Write Hold Write input A L H L L H H Write Hold Write input B H L L L H H Write Hold Write input C H H L L H H Write Hold Write input D L L H L H H Read Hold Read input A L H H L H H Read Hold Read input B H L H L H H Read Hold Read input C H H H L H H Read Hold Read input D X X X H H L Hold Update all output registers All X X X H H H Hold Hold Hold All X X X X L X All registers reset to midscale/zero-scale1 All X X X H X All registers latched to midscale/zero-scale1 All 1 DAC8412 resets to midscale, and DAC8413 resets to zero scale. L = logic low; H = logic high; X = don’t care. Input and output registers are transparent when asserted. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |