| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7940 bảng dữ liệu(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7940 bảng dữ liệu(HTML) 17 Page - Analog Devices |
|
17 / 24 page ![]() AD7946 Rev. A | Page 17 of 24 CS MODE 3-WIRE, NO BUSY INDICATOR This mode is usually used when a single AD7946 is connected to an SPI-compatible digital host. The connection diagram is shown in Figure 33 and the corresponding timing is given in Figure 34. With SDI tied to VIO, a rising edge on CNV initiates a conversion, selects the CS mode, and forces SDO to high impedance. Once a conversion is initiated, it continues to completion irrespective of the state of CNV. For instance, it could be useful to bring CNV low to select other SPI devices, such as analog multiplexers, but CNV must be returned high before the minimum conversion time and held high until the maximum conversion time to avoid the generation of the BUSY signal indicator. When the conversion is complete, the AD7946 enters the acquisition phase and powers down. When CNV goes low, the MSB is output onto SDO. The remaining data bits are then clocked by subsequent SCK falling edges. The data is valid on both SCK edges. Although the rising edge can be used to capture the data, a digital host using the SCK falling edge allows a faster reading rate, provided it has an acceptable hold time. After the 14th SCK falling edge or when CNV goes high, whichever is earlier, SDO returns to high impedance. CNV SCK SDO SDI DATA IN CLK CONVERT VIO DIGITAL HOST AD7946 Figure 33. CS Mode 3-Wire, No BUSY Indicator Connection Diagram (SDI High) SDO D13 D12 D11 D1 D0 tDIS SCK 12 3 12 13 14 tSCK tSCKL tSCKH tHSDO tDSDO CNV CONVERSION ACQUISITION tCONV tCYC ACQUISITION SDI = 1 tCNVH tACQ tEN Figure 34. CS Mode 3-Wire, No BUSY Indicator Serial Interface Timing (SDI High) |