công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RC5054A bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện RC5054A
Giải thích chi tiết về linh kiện  Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5054A bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  RC5054A Datasheet HTML 1Page - Fairchild Semiconductor RC5054A Datasheet HTML 2Page - Fairchild Semiconductor RC5054A Datasheet HTML 3Page - Fairchild Semiconductor RC5054A Datasheet HTML 4Page - Fairchild Semiconductor RC5054A Datasheet HTML 5Page - Fairchild Semiconductor RC5054A Datasheet HTML 6Page - Fairchild Semiconductor RC5054A Datasheet HTML 7Page - Fairchild Semiconductor RC5054A Datasheet HTML 8Page - Fairchild Semiconductor RC5054A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RC5054A
PRODUCT SPECIFICATION
2
age-mode control with fast transient response. It includes a
200KHz free-running triangle-wave oscillator that is adjust-
able from 50KHz to 1MHz. The error amplifier features a
15MHz gain-bandwidth product and 6V/
µs slew rate which
enables high converter bandwidth for fast transient perfor-
mance. The resulting PWM duty ratio ranges from 0% to
100%.
The RC5054A monitors the output voltage with a window
comparator that tracks the DAC output and issues a Power
Good signal when the output is within
±10%. The RC5054A
protects against over-current conditions by inhibiting PWM
operation. Built-in over-voltage protection triggers an exter-
nal SCR to crowbar the input supply. The RC5054A moni-
tors the current by using the RDS(ON) of the upper MOSFET
which eliminates the need for a current sensing resistor.
Pin Assignments
VSEN
OCSET
SS
VID0
VID1
VID2
VID4
VID3
COMP
FB
RT
VCC
LGATE
PGND
OVP
BOOT
UGATE
PHASE
PGOOD
GND
RC5054
(SOIC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
Pin Definitions
Pin Number Pin Names
Pin Function Description
1
VSEN
This pin is connected to the converter’s output voltage. The PGOOD and OVP
comparator circuits use this signal to report output voltage status and for overvoltage
protection.
2
OCSET
Connect a resistor (ROCSET) from this pin to the drain of the upper MOSFET.
ROCSET, an internal 200
µA current source (IOCS), and the upper MOSFET on-
resistance (RDS(ON)) set the converter over-current (OC) trip point according to the
following equation:
An over-current trip cycles the soft-start function.
3
SS
Connect a capacitor from this pin to ground. This capacitor, along with an internal
10
µA current source, sets the soft-start interval of the converter.
4-8
VID0-VID4
VID0-4 are the input pins to the 5-bit DAC. The states of these five pins program the
internal voltage reference (DACOUT). The level of DACOUT sets the converter
output voltage. It also sets the PGOOD and OVP thresholds. Table 1 specifies
DACOUT for the 32 combinations of DAC inputs.
9
COMP
COMP and FB are the available external pins of the error amplifier. The FB pin is the
inverting input of the error amplifier and the COMP pin is the error amplifier output.
These pins are used to compensate the voltage-control feedback loop of the
converter.
10
FB
11
GND
Signal ground for the IC. All voltage levels are measured with respect to this pin.
12
PGOOD
PGOOD is an open collector output used to indicate the status of the converter
output voltage. This pin is pulled low when the converter output is not within
±10% of
the DACOUT reference voltage.
13
PHASE
Connect the PHASE pin to the upper MOSFET source. This pin is used to monitor
the voltage drop across the MOSFET for over-current protection. This pin also
provides the return path for the upper gate drive.
14
UGATE
Connect UGATE to the upper MOSFET gate. This pin provides the gate drive for the
upper MOSFET.
15
BOOT
This pin provides bias voltage to the upper MOSFET driver. A bootstrap circuit may
be used to create a BOOT voltage suitable to drive a standard N-Channel MOSFET.
16
PGND
This is the power ground connection. Tie the lower MOSFET source to this pin.
I
PEAK
I
OCS
R
OCSET
R
DS ON
()
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com