công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP3CLS70 bảng dữ liệu(PDF) 39 Page - Altera Corporation

tên linh kiện EP3CLS70
Giải thích chi tiết về linh kiện  Chapter Revision Dates
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3CLS70 bảng dữ liệu(HTML) 39 Page - Altera Corporation

Back Button EP3CLS70 Datasheet HTML 35Page - Altera Corporation EP3CLS70 Datasheet HTML 36Page - Altera Corporation EP3CLS70 Datasheet HTML 37Page - Altera Corporation EP3CLS70 Datasheet HTML 38Page - Altera Corporation EP3CLS70 Datasheet HTML 39Page - Altera Corporation EP3CLS70 Datasheet HTML 40Page - Altera Corporation EP3CLS70 Datasheet HTML 41Page - Altera Corporation EP3CLS70 Datasheet HTML 42Page - Altera Corporation EP3CLS70 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 274 page
background image
Chapter 3: Memory Blocks in the Cyclone III Device Family
3–5
Overview
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
When a byteena bit is deasserted during a write cycle, the old data in the memory
appears in the corresponding data-byte output. When a byteena bit is asserted during
a write cycle, the corresponding data-byte output depends on the setting chosen in
the Quartus® II software. The setting can either be the newly written data or the old
data at that location.
Packed Mode Support
Cyclone III device family M9K memory blocks support packed mode. You can
implement two single-port memory blocks in a single block under the following
conditions:
■
Each of the two independent block sizes is less than or equal to half of the M9K
block size. The maximum data width for each independent block is 18 bits wide.
■
Each of the single-port memory blocks is configured in single-clock mode. For
more information about packed mode support, refer to “Single-Port Mode” on
page 3–8 and “Single-Clock Mode” on page 3–15.
Address Clock Enable Support
Cyclone III device family M9K memory blocks support an active-low address clock
enable, which holds the previous address value for as long as the addressstall signal
is high (addressstall = '1'). When you configure M9K memory blocks in dual-port
mode, each port has its own independent address clock enable.
Figure 3–3 shows an address clock enable block diagram. The address register output
feeds back to its input using a multiplexer. The multiplexer output is selected by the
address clock enable (addressstall) signal.
Note to Figure 3–2:
(1) For this functional waveform, New Data mode is selected.
Figure 3–2. Cyclone III Device Family byteena Functional Waveform (1)
Figure 3–3. Cyclone III Device Family Address Clock Enable Block Diagram
address[0]
address[N]
addressstall
clock
address[0]
register
address[N]
register
address[N]
address[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com