công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTH04T261WAS bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện PTH04T261WAS
Giải thích chi tiết về linh kiện  3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PTH04T261WAS bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button PTH04T261WAS Datasheet HTML 12Page - Texas Instruments PTH04T261WAS Datasheet HTML 13Page - Texas Instruments PTH04T261WAS Datasheet HTML 14Page - Texas Instruments PTH04T261WAS Datasheet HTML 15Page - Texas Instruments PTH04T261WAS Datasheet HTML 16Page - Texas Instruments PTH04T261WAS Datasheet HTML 17Page - Texas Instruments PTH04T261WAS Datasheet HTML 18Page - Texas Instruments PTH04T261WAS Datasheet HTML 19Page - Texas Instruments PTH04T261WAS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
PTH04T260W, PTH04T261W
SLTS273E – SEPTEMBER 2006 – REVISED JULY 2009.................................................................................................................................................. www.ti.com
Table 3. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max
Output Bus (2)
Max
Ripple
Capacitor Vendor,
Working
ESR
Turbo-
Value
Current
Physical
Input
Type Series (Style)
No
Voltage
at 100
Vendor Part No.
Trans
(
µF)
at 85°C
Size (mm)
Bus
Turbo-
(V)
kHz
Capacitor
(Irms)
Trans
(m
Ω)
Type(3)
(mA)
Sanyo
TPE, POSCAP (SMD)
10
330
25
3300
7,3×4,3
1
1
≤3
C
≥ 1(8)
10TPE330MF
TPE, POSCAP (SMD)
2.5
470
7
4400
7,3×4,3
N/R(9)
≤1
B
≥ 2(8)
2R5TPE470M7(VO≤ 1.8V)
(10)
TPD, POSCAP (SMD)
2.5
1000
5
6100
7,3×4,3
N/R(9)
N/R(11)
B
≥ 1(8)
2R5TPD1000M5(VO≤ 1.8V)
(10)
SEP, OS-CON (Radial)
6.3
470
15
4210
10 × 12
1
1
≤ 2
C
≥ 1(8)
6SEP470M
SVPA, OS-CON (Radial)
6.3
470
19
4130
10 × 7,9
1
1
≤2
C
≥ 2(8)
6SVPA470M
SVP, OS-CON (SMD)
10
330
25
3700
10 × 7,9
1
1
≤3
C
≥ 1(8)
10SVP330MX
AVX, Tantalum
TPM Multianode
10
330
23
3000
7,3×4,3×4,1
1
1
≤ 3
C
≥ 2(8)
TPME337M010R0035
TPS Series III (SMD)
10
330
40
1830
7,3×4,3×4,1
1
1
≤ 6
N/R(12)
TPSE337M010R0040
TPS Series III (SMD)
4
1000
25
2400
7,3×6,1×3.5
N/R(9)
1
≤ 5
N/R(12)
TPSV108K004R0035 (VO≤ 2.1V)
(13)
Kemet, Poly-Tantalum
T520 (SMD)
10
330
25
2600
7,3×4,3×4,1
1
1
≤ 3
C
≥ 2(8)
T520X337M010ASE025
T530 (SMD)
6.3
330
15
3800
7,3×4,3×4,1
1
1
≤2
B
≥ 2(8)
T530X337M010ASE015(10)
T530 (SMD)
4
680
5
7300
7,3×4,3×4,1
N/R(9)
N/R(11)
B
≥ 1(8)
T530X687M004ASE005 (VO≤ 3.2V)
(10)
T530 (SMD)
2.5
1000
5
7300
7,3×4,3×4,1
N/R(9)
N/R(11)
B
≥ 1(8)
T530X108M2R5ASE005 (VO≤ 2.0V)
(10)
Vishay-Sprague
597D, Tantalum (SMD)
10
330
35
2500
7,3×5,7×4,1
1
1
≤ 5
N/R(12)
597D337X010E2T
94SP, OS-CON (Radial)
6.3
390
16
3810
8 X 10,5
1
1
≤2
C
≥ 2(8)
94SP397X06R3EBP
94SVP OS-CON(SMD)
6.3
470
17
3960
8 × 12
1
1
≤2
C
≥ 1(8)
94SVP477X06F12
Kemet, Ceramic X5R
6.3
100
2
–
3225
1
1(14)
A(8)
C1210C107M9PAC
(SMD)
6.3
47
2
1
≥2 (14)
A(8)
C1210C476K9PAC
Murata, Ceramic X5R
6.3
100
2
–
3225
1
≥ 1(14)
A(8)
GRM32ER60J107M
(SMD)
6.3
47
1
≥2 (14)
A(8)
GRM32ER60J476ME20L
16
22
1
≥ 5(14)
A(8)
GRM32ER61CE226KE20L
16
10
1
≥ 1(14)
A(8)
GRM32DR61C106K
TDK, Ceramic X5R
6.3
100
2
–
3225
1
≥ 1(14)
A(8)
C3225X5R0J107MT
(SMD)
6.3
47
1
≥ 1(14)
A(8)
C3225X5R0J476MT
16
10
1
≥ 1(14)
A(8)
C3225X5R1C106MT0
16
22
1
≥ 1(14)
A(8)
C3225X5R1C226MT
(8)
Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
a. Type A = (100 < capacitance × ESR
≤ 1000)
b. Type B = (1,000 < capacitance × ESR
≤ 5,000)
c. Type C = (5,000 < capacitance × ESR
≤ 10,000)
(9)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(10) The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 80% of the working voltage.
(11) N/R – Not recommended. The ESR value of this capacitor is below the required minimum when not using TurboTrans.
(12) Aluminum Electrolytic capacitor not recommended for the TurboTrans due to higher ESR × capacitance products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(13) The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 50% of the working voltage.
(14) Any combination of ceramic capacitor values is limited as listed in the Electrical Characteristics table.
16
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T260W PTH04T261W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36