| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2998MR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2998MR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 26 page ![]() VDDQ PVIN AVIN 1 2 3 4 8 7 6 5 VSENSE VREF SD GND VTT VDDQ PVIN AVIN 1 2 3 4 8 7 6 5 VSENSE VREF SD GND VTT GND LP2998 SNVS521I – DECEMBER 2007 – REVISED APRIL 2013 www.ti.com Connection Diagrams Top View Figure 1. SO PowerPAD-8 Package See Package Number DDA0008A Top View Figure 2. SOIC-8 Package See Package Number D0008A Pin Descriptions SOIC-8 Pin or SO PowerPAD-8 Pin Name Function 1 GND Ground. 2 SD Shutdown. 3 VSENSE Feedback pin for regulating VTT. 4 VREF Buffered internal reference voltage of VDDQ /2. 5 VDDQ Input for internal reference equal to VDDQ/2. 6 AVIN Analog input pin. 7 PVIN Power input pin. 8 VTT Output voltage for connection to termination resistors. EP Exposed pad thermal connection. Connect to Ground (SO PowerPAD-8 only). These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 2007–2013, Texas Instruments Incorporated Product Folder Links: LP2998 |