| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2998MA bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2998MA bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 26 page ![]() VTT VREF VDD RS RT CHIPSET MEMORY - + VTT PVIN VDDQ SD GND AVIN VSENSE 50k 50k + - VREF LP2998 www.ti.com SNVS521I – DECEMBER 2007 – REVISED APRIL 2013 Block Diagram DETAILED DESCRIPTION The LP2998 is a linear bus termination regulator designed to meet the JEDEC requirements of SSTL-2 and SSTL-18. The output, VTT is capable of sinking and sourcing current while regulating the output voltage equal to VDDQ / 2. The output stage has been designed to maintain excellent load regulation while preventing shoot through. The LP2998 also incorporates two distinct power rails that separates the analog circuitry from the power output stage. This allows a split rail approach to be utilized to decrease internal power dissipation. It also permits the LP2998 to provide a termination solution for the next generation of DDR-SDRAM memory (DDRII). The LP2998 can also be used to provide a termination voltage for other logic schemes such as SSTL-3 or HSTL. Series Stub Termination Logic (SSTL) was created to improve signal integrity of the data transmission across the memory bus. This termination scheme is essential to prevent data error from signal reflections while transmitting at high frequencies encountered with DDR-SDRAM. The most common form of termination is Class II single parallel termination. This involves one RS series resistor from the chipset to the memory and one RT termination resistor. Typical values for RS and RT are 25 Ohms, although these can be changed to scale the current requirements from the LP2998. This implementation can be seen below in Figure 17. Figure 17. SSTL-Termination Scheme Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LP2998 |