| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMC6041IM bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMC6041IM bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 23 page ![]() LMC6041 SNOS610E – DECEMBER 1994 – REVISED MARCH 2013 www.ti.com Figure 31. Example of Guard Ring in P.C. Board Layout Figure 32. Inverting Amplifier Figure 33. Follower Non-Inverting Amplifier Figure 34. Typical Connections of Guard Rings The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 35. 12 Submit Documentation Feedback Copyright © 1994–2013, Texas Instruments Incorporated Product Folder Links: LMC6041 |