| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD6433258P bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6433258P bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 301 page ![]() Table 1-2. Pin Assignments in Each Operating Mode (1) Pin no. DC-64S Expanded modes Single-chip mode PROM DP-64S FP-64A CP-68 Mode 1 Mode 2 Mode 3 mode 55 47 59 A1 P11/A1 P11 EA1 56 48 60 A0 P10/A0 P10 EA0 57 49 61 D0 D0 P30 NC 58 50 62 D1 D1 P31 NC 59 51 63 D2 D2 P32 NC 60 52 64 D3 D3 P33 NC 61 53 65 D4 D4 P34 NC 62 54 66 D5 D5 P35 NC 63 55 67 D6 D6 P36 NC 64 56 68 D7 D7 P37 NC Notes: 1. Pins marked NC should be left unconnected. 2. The PROM mode is a non-operating mode used for programming the on-chip ROM. See section 11, ROM for details. 11 |