| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS2513 bảng dữ liệu(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
TPS2513 bảng dữ liệu(HTML) 3 Page - Diodes Incorporated |
|
3 / 20 page ![]() TPS2513, TPS2513A TPS2514, TPS2514A www.ti.com SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013 RECOMMENDED OPERATING CONDITIONS Voltages are referenced to GND (unless otherwise noted), positive current are into pins. MIN MAX UNIT VIN Input voltage of IN 4.5 5.5 V VDP1 DP1 data line input voltage 0 5.5 V VDM1 DM1 data line input voltage 0 5.5 V IDP1 Continuous sink or source current ±10 mA IDM1 Continuous sink or source current ±10 mA VDP2 DP2 data line input voltage 0 5.5 V VDM2 DM2 data line input voltage 0 5.5 V IDP2 Continuous sink or source current ±10 mA IDM2 Continuous sink or source current ±10 mA TJ Operating junction temperature –40 125 °C Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A |