| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OP193FSZ1 bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP193FSZ1 bảng dữ liệu(HTML) 3 Page - Analog Devices |
|
3 / 20 page ![]() OP193/OP293 Rev. C | Page 3 of 20 SPECIFICATIONS ELECTRICAL SPECIFICATIONS VS = ±15.0 V, TA = 25°C, unless otherwise noted. Table 1. E Grade F Grade Parameter Symbol Conditions Min Typ Max Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS OP193 150 μV OP193, −40°C ≤ TA ≤ +125°C 250 μV OP293 100 250 μV OP293, −40°C ≤ TA ≤ +125°C 200 350 μV Input Bias Current IB VCM = 0 V, −40°C ≤ TA ≤ +125°C 15 20 nA Input Offset Current IOS VCM = 0 V, −40°C ≤ TA ≤ +125°C 2 4 nA Input Voltage Range VCM −14.9 +13.5 −14.9 +13.5 V Common-Mode Rejection CMRR −14.9 V ≤ VCM ≤ +14 V 100 116 97 116 dB −14.9 V ≤ VCM ≤ +14 V, −40°C ≤ TA ≤ +125°C 97 94 dB Large Signal Voltage Gain AVO RL = 100 kΩ, −10 V ≤ VOUT ≤ +10 V 500 600 500 600 V/mV −40°C ≤ TA ≤ +85°C 300 300 V/mV −40°C ≤ TA ≤ +125°C 300 300 V/mV Large Signal Voltage Gain AVO RL = 10 kΩ, −10 V ≤ VOUT ≤ +10 V 350 350 V/mV −40°C ≤ TA ≤ +85°C 200 200 V/mV −40°C ≤ TA ≤ +125°C 150 150 V/mV Large Signal Voltage Gain AVO RL = 2 kΩ, −10 V ≤ VOUT ≤ +10 V 200 200 V/mV −40°C ≤ TA ≤ +85°C 125 125 V/mV −40°C ≤ TA ≤ +125°C 100 100 V/mV Long-Term Offset Voltage1 VOS 150 300 μV Offset Voltage Drift2 ΔVOS/ΔT 0.2 1.75 μV/°C OUTPUT CHARACTERISTICS Output Voltage Swing High VOH IL = 1 mA 14.1 14.2 14.1 14.2 V IL = 1 mA, −40°C ≤ TA ≤ +125°C 14.0 14.0 V IL = 5 mA 13.9 14.1 13.9 14.1 V Output Voltage Swing Low VOL IL = −1 mA −14.7 −14.6 −14.7 −14.6 V IL = −1 mA, −40°C ≤ TA ≤ +125°C −14.4 −14.4 V IL = −5 mA +14.2 −14.1 +14.2 −14.1 V Short-Circuit Current ISC ±25 ±25 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VS = ±1.5 V to ±18 V 100 120 97 120 dB −40°C ≤ TA ≤ +125°C 97 94 dB Supply Current per Amplifier ISY VOUT = 0 V, VS = ±18 V, −40°C ≤ TA ≤ +125°C, RL = ∞ 30 30 μA NOISE PERFORMANCE Voltage Noise Density en f = 1 kHz 65 65 nV/√Hz Current Noise Density in f = 1 kHz 0.05 0.05 pA/√Hz Voltage Noise en p-p 0.1 Hz to 10 Hz 3 3 μV p-p |