| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFMSMF bảng dữ liệu(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MFMSMF bảng dữ liệu(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 5 page ![]() MF-MSMF-110/24X MF-MSMF010 - MF-MSMF050 - MF-MSMF150/24X MF-MSMF030 MF-MSMF260 MF-MSMF250/16X Tape Dimensions per EIA-481-1 per EIA 481-1 per EIA 481-1 W 12.0 ± 0.30 12.0 ± 0.30 12.0 ± 0.30 (0.472 ± 0.012) (0.472 ± 0.012) (0.472 ± 0.012) P0 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 (0.157 ± 0.004) (0.157 ± 0.004) (0.157 ± 0.004) P1 8.0 ± 0.10 8.0 ± 0.10 8.0 ± 0.10 (0.315 ± 0.004) (0.315 ± 0.004) (0.315 ± 0.004) P2 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.05 (0.079 ± 0.002) (0.079 ± 0.002) (0.079 ± 0.002) A0 3.58 ± 0.10 3.66 ± 0.15 3.70 ± 0.10 (0.141 ± 0.004) (0.144 ± 0.006) (0.146 ± 0.004) B0 4.93 ± 0.10 4.98 ± 0.10 5.10 ± 0.10 (0.194 ± 0.004) (0.196 ± 0.004) (0.200 ± 0.004) B1 max. 5.9 5.9 5.9 (0.232) (0.232) (0.232) D0 1.5 + 0.10/-0.0 1.5 + 0.10/-0.0 1.5 + 0.10/-0.0 (0.059 + 0.004/-0) (0.059 + 0.004/-0) (0.059 + 0.004/-0) F 5.5 ± 0.05 5.5 ± 0.05 5.5 ± 0.05 (0.217 ± 0.002) (0.217 ± 0.002) (0.217 ± 0.002) E1 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 (0.069 ± 0.004) (0.069 ± 0.004) (0.069 ± 0.004) E2 min. 10.25 10.25 10.25 (0.404) (0.404) (0.404) T max. 0.6 0.6 0.6 (0.024) (0.024) (0.024) T1 max. 0.1 0.1 0.1 (0.004) (0.004) (0.004) K0 1.30 ± 0.10 0.95 ± 0.10 1.50 ± 0.10 (0.051 ± 0.004) (0.037 ± 0.004) (0.059 ± 0.004) Leader min. 390 390 390 (15.35) (15.35) (15.35) Trailer min. 160 160 160 (6.30) (6.30) (6.30) Reel Dimensions A max. 185 185 185 (7.28) (7.28) (7.28) N min. 50 50 50 (1.97) (1.97) (1.97) W1 12.4 + 2.0/-0.0 12.4 + 2.0/-0.0 12.4 + 2.0/-0.0 (0.488 + 0.079/-0.0) (0.488 + 0.079/-0.0) (0.488 + 0.079/-0.0) W2 max. 18.4 18.4 18.4 (0.724) (0.724) (0.724) MF-MSMF Series Tape and Reel Specifications B1 N(HUB DIA.) (MEASURED AT HUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED AT HUB) W1 P1 B0 F D0 P2 P0 E2 E1 W DIMENSIONS: MM (INCHES) Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. |