| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RTS3LF12 bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
RTS3LF12 bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 4 page ![]() 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 SCHRACK General Purpose Relays PCB Relays Power PCB Relay RT1 Inrush Power (Continued) Other Data RT.3T RTS3L Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature monostable DC coil -40 to 85°C bistable 1 coil -10 to 85°C bistable 2 coils -40 to 85°C Category of environmental protection IEC 61810 RTII - flux proof Vibration resistance (functional), monostable version 10g 20g Shock resistance (destructive) 100g Terminal type PCB-THT, plug-in2) Weight, without / with test tab 14/16g 14g/- Resistance to soldering heat THT IEC 60068-2-20 270°C/10s Packaging/unit without test tab tube/20 pcs., tube/20 pcs., box/500 pcs. box/500 pcs. with test tab tray/25 pcs., - box/100 pcs. - 2) RTT3T or bistable 2 coil version: pcb mounting only. See Accessories Accessories RTS3. For details see datasheet Accessories Industrial Power Relay RT Socket available for 1 coil version only. NOTE: indicated contact ratings and electrical endurance data for direct wiring of relays (according IEC 61810-1); for relays mounted on sockets deratings may apply. Coil Data (continued) Coil versions, bistable Coil Rated Set Reset Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW Coil versions, bistable 1 coil A03 3 2.1 1.7 21 429 A12 12 8.4 6.6 360 400 A24 24 16.8 13.2 1440 400 Coil versions, bistable 2 coils F03 3 2.1 1.7 15 600 F12 12 8.4 6.6 240 600 F24 24 16.8 13.2 886 650 All figures are given for coil without pre-energization, at ambient temperature +23°C. Other coil voltages on request. Bistable coils - operation Version 1 coil 2 coils Coil terminals A1 A2 A1 A3 A2 Operate + - + - Reset - + - + Contact position not defined at delivery Insulation Data Initial dielectric strength between open contacts 1250Vrms between contact and coil 5000Vrms Clearance/creepage between contact and coil ≥10/10mm Material group of insulation parts IIIa Tracking index of relay base PTI 250V |