| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VIPER37LE bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER37LE bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 35 page ![]() Package mechanical data VIPER37 32/35 Doc ID 022218 Rev 1 9 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Table 12. SDIP10 mechanical data Dim. mm Min. Typ. Max. A 5.33 A1 0.38 A2 2.92 4.95 b 0.36 0.56 b2 0.51 1.15 c 0.2 0.36 D 9.02 10.16 E 7.62 8.26 E1 6.1 7.11 E2 7.62 E3 10.92 e 1.77 L 2.92 3.81 |