| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VIPER37HE bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER37HE bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 35 page ![]() VIPER37 Operation description Doc ID 022218 Rev 1 25/35 The resistor values are such that the current sourced and sunk by the CONT pin are within the rated capability of the internal clamp. Figure 28. OVP timing diagram 8.9 About the CONT pin Referring to Figure 29, the features below can be implemented through the CONT pin: 1. Current limit set point 2. Overvoltage protection on the converter output voltage Table 11, referring to Figure 29, lists the external resistance combinations needed to activate one or more of the CONT pin functions. Figure 29. CONT pin configuration t VDS VAUX t t t STROBE t COUNTER RESET t COUNTER STATUS t 0 CONT (pin 4) sampling time OVP FAULT 0 0 0 0 →1 1 →2 2 →0 0 →1 1 →2 2 →3 3 → 4 0 E R U L I A F P O O L K C A B D E E F E C N A B R U T S I D Y R A R O P M E T N O I T A R E P O L A M R O N t VDS t t t STROBE t COUNTER RESET t COUNTER STATUS t 0 (pin 4) OVP FAULT 0 0 0 0 → 1 → 2 → 0 → 1 → 2 → 3 → 0 E R U L I A F P O O L K C A B D E E F E C N A B R U T S I D Y R A R O P M E T N O I T A R E P O L A M R O N t VOVP T STROBE Current Limit Comparator To OVP Protection R OVP R LIM D AUX SOFT START CONT From SenseFET Auxiliary winding To PWM Logic OVP DETECTION LOGIC Curr. Lim. BLOCK OCP |