công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F050C4 bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện STM32F050C4
Giải thích chi tiết về linh kiện  Low- and medium-density advanced ARM™-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050C4 bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button STM32F050C4 Datasheet HTML 23Page - STMicroelectronics STM32F050C4 Datasheet HTML 24Page - STMicroelectronics STM32F050C4 Datasheet HTML 25Page - STMicroelectronics STM32F050C4 Datasheet HTML 26Page - STMicroelectronics STM32F050C4 Datasheet HTML 27Page - STMicroelectronics STM32F050C4 Datasheet HTML 28Page - STMicroelectronics STM32F050C4 Datasheet HTML 29Page - STMicroelectronics STM32F050C4 Datasheet HTML 30Page - STMicroelectronics STM32F050C4 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
STM32F050xx
Pinouts and pin description
Doc ID 023683 Rev 1
27/97
16
12
12
12
PA6
I/O
TTa
SPI1_MISO,
I2S1_MCK,
TIM3_CH1,
TIM1_BKIN,
TIM16_CH1,
EVENTOUT
ADC_IN6
17
13
13
13
PA7
I/O
TTa
SPI1_MOSI,
I2S1_SD,
TIM3_CH2,
TIM14_CH1,
TIM1_CH1N,
TIM17_CH1,
EVENTOUT
ADC_IN7
18
14
14
-
PB0
I/O
TTa
TIM3_CH3,
TIM1_CH2N,
EVENTOUT
ADC_IN8
19
15
15
14
PB1
I/O
TTa
TIM3_CH4,
TIM14_CH1,
TIM1_CH3N
ADC_IN9
20
16
-
-
PB2
I/O
FT
21
-
-
-
PB10
I/O
FTf
TIM2_CH3,
I2C1_SCL(3)
22
-
-
-
PB11
I/O
FTf
TIM2_CH4,
EVENTOUT,
I2C1_SDA(3)
23
0
16
15
VSS
S
Ground
24
17
17
16
VDD
S
Digital power supply
25
-
-
-
PB12
I/O
FT
TIM1_BKIN,
EVENTOUT,
SPI1_NSS(3)
26
-
-
-
PB13
I/O
FT
TIM1_CH1N,
SPI1_SCK(3)
27
-
-
-
PB14
I/O
FT
TIM1_CH2N,
SPI1_MISO(3)
28
-
-
-
PB15
I/O
FT
TIM1_CH3N,
SPI1_MOSI(3)
RTC_REFIN
Table 8.
Pin definitions (continued)
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97