| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151CB bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CB bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 121 page ![]() Functional overview STM32L151x6/8/B, STM32L152x6/8/B 26/121 Doc ID 17659 Rev 8 Both comparators can wake up from Stop mode, and be combined into a window comparator. The internal reference voltage is available externally via a low power / low current output buffer (driving current capability of 1 µA typical). 3.13 Routing interface This interface controls the internal routing of I/Os to TIM2, TIM3, TIM4 and to the comparator and reference voltage output. 3.14 Touch sensing The STM32L15xxx devices provide a simple solution for adding capacitive sensing functionality to any application. These devices offer up to 20 capacitive sensing channels distributed over 10 analog I/O groups. Only software capacitive sensing acquisition mode is supported. Capacitive sensing technology is able to detect the presence of a finger near a sensor which is protected from direct touch by a dielectric (glass, plastic, ...). The capacitive variation introduced by the finger (or any conductive object) is measured using a proven implementation based on a surface charge transfer acquisition principle. It consists of charging the sensor capacitance and then transferring a part of the accumulated charges into a sampling capacitor until the voltage across this capacitor has reached a specific threshold. The capacitive sensing acquisition only requires few external components to operate. Reliable touch sensing functionality can be quickly and easily implemented using the free STM32L1xx STMTouch touch sensing firmware library. 3.15 Timers and watchdogs The ultra-low-power STM32L15xxx devices include six general-purpose timers, two basic timers and two watchdog timers. Table 8 compares the features of the general-purpose and basic timers. Table 8. Timer feature comparison Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/compare channels Complementary outputs TIM2, TIM3, TIM4 16-bit Up, down, up/down Any integer between 1 and 65536 Yes 4 No TIM9 16-bit Up Any integer between 1 and 65536 No 2 No |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |